Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3238TN Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA3238TN
Description  6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3238TN Datasheet(HTML) 4 Page - Sony Corporation

  CXA3238TN Datasheet HTML 1Page - Sony Corporation CXA3238TN Datasheet HTML 2Page - Sony Corporation CXA3238TN Datasheet HTML 3Page - Sony Corporation CXA3238TN Datasheet HTML 4Page - Sony Corporation CXA3238TN Datasheet HTML 5Page - Sony Corporation CXA3238TN Datasheet HTML 6Page - Sony Corporation CXA3238TN Datasheet HTML 7Page - Sony Corporation CXA3238TN Datasheet HTML 8Page - Sony Corporation CXA3238TN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
—4—
CXA3238TN/CXA3239TN
Pin Description
CXA3238TN
Pin
Symbol
Equivalent circuit
Description
No.
1
2
3
12
4
5
6
7
9
8
RS
SCLK
SDATA
SDEN
WDX
WDY
VCC
GND
RDX
RDY
VCC
VEE
GND
250
VBGR
≈1.3V
1
VCC
VEE
GND
2
3
12
14k
7.5k
2Vf
VCC
VEE
GND
100
100
4
5
VCC
VEE
GND
8
9
100
1.8mA
Bias current setting resister is connected
between this pin and GND.
Serial control signal input.
Differential P-ECL write data input.
5 V power supply.
Ground
Read amplifier output with coupling
capacitors.
High impedance in the write mode.


Similar Part No. - CXA3238TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3236N SONY-CXA3236N Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3238TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com