Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7210 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGA7210
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7210 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 5Page - NXP Semiconductors BGA7210 Datasheet HTML 6Page - NXP Semiconductors BGA7210 Datasheet HTML 7Page - NXP Semiconductors BGA7210 Datasheet HTML 8Page - NXP Semiconductors BGA7210 Datasheet HTML 9Page - NXP Semiconductors BGA7210 Datasheet HTML 10Page - NXP Semiconductors BGA7210 Datasheet HTML 11Page - NXP Semiconductors BGA7210 Datasheet HTML 12Page - NXP Semiconductors BGA7210 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
10
NXP Semiconductors RF Manual 16th edition
Product highlight:
BLF8G10LS-160
160 W LDMOS power transistor for base W-CDMA base station and
multi-carrier applications at frequencies from 920 to 960 MHz.
Features
` Excellent ruggedness
` High efficiency
` Low R
th providing excellent thermal stability
` Designed for broadband operation (920 to 960 MHz)
` Lower output capacitance for improved performance in Doherty
applications
` Low memory effects for excellent pre-distortability
` Internally matched for ease of use
` Integrated ESD protection
` Compliant to Restriction of Hazardous Substances (RoHS) Directive
2002/95/EC
Recommended products
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
Matching
Package
Type
HPA
Driver
700
2200
10
-
SOT1179
BLP7G22-10*
Driver/final
2110
2170
40
I/O
SOT1121
BLF6G22L(S)-40P
2500
2700
40
I/O
SOT1121
BLF6G27L(S)-40P
MMIC
2000
2200
60
I/O
SOT1212
BLM7G22S-60PB(G)*
Final
700
1000
160
-
SOT467
BLF6H10L(S)-160
700
1000
200
I/O
SOT1244C
BLF8G10LS-200GV
700
1000
270
I/O
SOT1244C
BLF8G10LS-270GV
850
960
300
I/O
SOT539
BLF8G10L(S)-300P*
900
1000
140
O
SOT1224
BLP7G09S-140P(G)*
920
960
160
I/O
SOT502
BLF8G10L(S)-160*
920
960
250
I/O
SOT502
BLF7G10L(S)-250
1800
1900
260
I/O
SOT539B
BLF7G20LS-260A*
1805
1880
250
I/O
SOT539
BLF7G20L(S)-250P
2000
2200
160
I/O
SOT502B
BLF7G22L(S)-160*
2000
2200
200
I/O
SOT1244C
BLF8G22LS-200GV*
2000
2200
270
I/O
SOT1244C
BLF8G22LS-270GV*
2500
2700
100
I/O
SOT502
BLF7G27L(S)-100
2500
2700
140
I/O
SOT502
BLF7G27L(S)-140
3400
3600
100
I/O
SOT502
BLF6G38(LS)-100
Integrated Doherty
2010
2025
50
O
SOT1130
BLD6G21L(S)-50
* Check status in section 3.1, as this type is not yet released for mass production


Similar Part No. - BGA7210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7210 PHILIPS-BGA7210 Datasheet
2Mb / 30P
   700 MHz to 3800 MHz high linearity variable gain amplifier
Rev. 2-4 January 2012
More results

Similar Description - BGA7210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com