Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGJ4F2X7R1A0R5KTXXXX Datasheet(PDF) 9 Page - TDK Electronics

Part # CGJ4F2X7R1A0R5KTXXXX
Description  CGJ Series Extended Life Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ4F2X7R1A0R5KTXXXX Datasheet(HTML) 9 Page - TDK Electronics

Back Button CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 5Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 6Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 7Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 8Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 9Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 10Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 11Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 12Page - TDK Electronics CGJ4F2X7R1A0R5KTXXXX Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TDK MLCC US Catalog
Version C11
Page 8
Capacitance
Range Table
CGJ3 [EIA CC0603]
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
CGJ3E2X7R1H103K
X7R
50V
10,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1H153K
X7R
50V
15,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1H223K
X7R
50V
22,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1H333K
X7R
50V
33,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1H473K
X7R
50V
47,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1H683K
X7R
50V
68,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1H104K
X7R
50V
100,000
± 10%
0.80 ± 0.10
CGJ3E2X7R1E103K
X7R
25V
10,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1E153K
X7R
25V
15,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1E223K
X7R
25V
22,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1E333K
X7R
25V
33,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1E473K
X7R
25V
47,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1E683K
X7R
25V
68,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1E104K
X7R
25V
100,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C103K
X7R
16V
10,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C153K
X7R
16V
15,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C223K
X7R
16V
22,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C333K
X7R
16V
33,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C473K
X7R
16V
47,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C683K
X7R
16V
68,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1C104K
X7R
16V
100,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1A334K
X7R
10V
330,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1A474K
X7R
10V
470,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1A684K
X7R
10V
680,000
± 10%
0.80 ± 0.07
CGJ3E2X7R1A105K
X7R
10V
1,000,000
± 10%
0.80 ± 0.10
CGJ3E2X7R0J334K
X7R
6.3V
330,000
± 10%
0.80 ± 0.07
CGJ3E2X7R0J474K
X7R
6.3V
470,000
± 10%
0.80 ± 0.07
CGJ3E2X7R0J684K
X7R
6.3V
680,000
± 10%
0.80 ± 0.07
CGJ3E2X7R0J105K
X7R
6.3V
1,000,000
± 10%
0.80 ± 0.10


Similar Part No. - CGJ4F2X7R1A0R5KTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ4F2X7R1A101J TDK-CGJ4F2X7R1A101J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ4F2X7R1A102J TDK-CGJ4F2X7R1A102J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ4F2X7R1A105J TDK-CGJ4F2X7R1A105J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ4F2X7R1A106J TDK-CGJ4F2X7R1A106J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
More results

Similar Description - CGJ4F2X7R1A0R5KTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
   Extended Life - High voltage
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com