Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP24 Datasheet(PDF) 4 Page - Protek Devices

Part # 15KP24
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP24 Datasheet(HTML) 4 Page - Protek Devices

  15KP24 Datasheet HTML 1Page - Protek Devices 15KP24 Datasheet HTML 2Page - Protek Devices 15KP24 Datasheet HTML 3Page - Protek Devices 15KP24 Datasheet HTML 4Page - Protek Devices 15KP24 Datasheet HTML 5Page - Protek Devices 15KP24 Datasheet HTML 6Page - Protek Devices 15KP24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05023.R11 9/12
Page 4
15KP17A - 15KP280A
tyPicAl Device chARActeRistics
electRicAl chARActeRistics PeR line @ 25°c unless otherwise specified
PARt
numBeR
(notes 1 - 2)
RAteD
stAnD-oFF
voltAge
v
Wm
volts
BReAKDoWn
voltAge
mAXimum
leAKAge
cuRRent
@v
Wm
i
D
µA
mAXimum
clAmPing
voltAge
(Fig. 2)
@ 10/1000µs
v
c @ iPP
temPeRAtuRe
coeFFicient
oF v
(BR)
qv
(BR)
mv/°c
min
v
(BR)
volts
@i
t
mA
15KP170
170.0
189.0
5
10
304.0V @ 49.0A
229
15KP170A
170.0
189.0
5
10
275.0V @ 55.0A
207
15KP180
180.0
200.0
5
10
321.0V @ 47.0A
242
15KP180A
180.0
200.0
5
10
291.0V @ 52.0A
219
15KP200
200.0
222.0
5
10
356.0V @ 42.0A
269
15KP200A
200.0
222.0
5
10
322.0V @ 47.0A
243
15KP220
220.0
245.0
5
10
393.0V @ 38.0A
297
15KP220A
220.0
245.0
5
10
356.0V @ 42.0A
269
15KP240
240.0
267.0
5
10
428.0V @ 35.0A
324
15KP240A
240.0
267.0
5
10
388.0V @ 39.0A
293
15KP260
260.0
289.0
5
10
464.0V @ 32.0A
352
15KP260A
260.0
289.0
5
10
419.0V @ 36.0A
317
15KP280
280.0
311.0
5
10
500.0V @ 30.0A
378
15KP280A
280.0
311.0
5
10
452.0V @ 33.0A
342
notes
1. Part numbers shown are unidirectional devices. Add a “CA” suffix to specify bidirectional devices, such as 15KP20cA.
2. V
F = 7.5 Volts @ 200A, 8.3ms(1/2 Sine Wave) - Unidirectional devices only.


Similar Part No. - 15KP24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP24 EIC-15KP24 Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP24 NJSEMI-15KP24 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24 NJSEMI-15KP24 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24 NJSEMI-15KP24 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24 NJSEMI-15KP24 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com