Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050PED-PW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 050PED-PW
Description  Aluminum Capacitors Power Eurodin Printed Wiring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

050PED-PW Datasheet(HTML) 1 Page - Vishay Siliconix

  050PED-PW Datasheet HTML 1Page - Vishay Siliconix 050PED-PW Datasheet HTML 2Page - Vishay Siliconix 050PED-PW Datasheet HTML 3Page - Vishay Siliconix 050PED-PW Datasheet HTML 4Page - Vishay Siliconix 050PED-PW Datasheet HTML 5Page - Vishay Siliconix 050PED-PW Datasheet HTML 6Page - Vishay Siliconix 050PED-PW Datasheet HTML 7Page - Vishay Siliconix 050PED-PW Datasheet HTML 8Page - Vishay Siliconix 050PED-PW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
050/052 PED-PW
www.vishay.com
Vishay BCcomponents
Revision: 02-Aug-11
1
Document Number: 28345
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Power Eurodin Printed Wiring
Fig. 1
FEATURES
• Polarized
aluminum
electrolytic
capacitors,
non-solid electrolyte
• Large
types,
cylindrical
aluminum
case,
insulated with a blue sleeve
• Provided with keyed polarity
• 050 series also available in solder-lug (SL) versions
• Very long useful life: 15 000 h at 85 °C
• Low ESR, high ripple current capability
• High resistance to shock and vibration
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Computer, telecommunication, and industrial systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (Q for - 10 %/+ 30 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• Polarity of the terminals and “-” sign to indicate the
negative terminal, visible from the top and/or side of the
capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
050
052
Nominal case size (Ø D x L in mm)
25 x 30 to 40 x 100
Rated capacitance range
(E6 series), CR
470 μF to
68 000 μF
47 μF to
1000 μF
Tolerance on CR
- 10 % to + 30 %
Rated voltage range, UR
10 V to 100 V 250 V to 400 V
Category temperature range
- 40 °C to + 85 °C
Endurance test at 85 °C
5000 h
Useful life at 85 °C
15 000 h
Useful life at 40 °C, 1.4 x IR applied
250 000 h
Shelf life at 0 V, 85 °C
500 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
°
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES FOR 050 SERIES (Ø D x L in mm)
CR
(μF)
UR (V)
10
16
25
40
63
100
470
-
----
25 x 30
680
-
----
25 x 40
1000
-
-
-
-
25 x 30
30 x 40
1500
-
-
-
25 x 30
25 x 40
35 x 40
2200
-
-
25 x 30
25 x 40
30 x 40
35 x 50
-
----
40 x 40
3300
-
25 x 30
25 x 40
30 x 40
35 x 40
40 x 50
4700
25 x 30
25 x 40
30 x 40
35 x 40
35 x 50
40 x 70
-
-
-
-
40 x 40
-
6800
25 x 40
30 x 40
35 x 40
35 x 50
40 x 50
40 x 100
-
-
-
40 x 40
-
-
10 000
30 x 40
35 x 40
35 x 50
40 x 50
40 x 70
-
-
-
40 x 40
-
-
-
15 000
35 x 40
35 x 50
40 x 50
40 x 70
40 x 100
-
-
40 x 40
----
22 000
35 x 50
40 x 50
40 x 70
40 x 100
-
-
40 x 40
-----
33 000
40 x 50
40 x 70
40 x 100
-
-
-
47 000
40 x 70
40 x 100
----
68 000
40 x 100
-----


Similar Part No. - 050PED-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
050PED-PW VISHAY-050PED-PW Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
More results

Similar Description - 050PED-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com