Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3250N Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA3250N
Description  All Band TV Tuner IC with On-chip PLL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3250N Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA3250N Datasheet HTML 5Page - Sony Corporation CXA3250N Datasheet HTML 6Page - Sony Corporation CXA3250N Datasheet HTML 7Page - Sony Corporation CXA3250N Datasheet HTML 8Page - Sony Corporation CXA3250N Datasheet HTML 9Page - Sony Corporation CXA3250N Datasheet HTML 10Page - Sony Corporation CXA3250N Datasheet HTML 11Page - Sony Corporation CXA3250N Datasheet HTML 12Page - Sony Corporation CXA3250N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
—9—
CXA3250N
Item
Supply voltage
4
drift
Oscillator phase
noise
Reference leak
Lock-up time
Symbol
∆ fst1
∆ fst2
∆ fst3
∆ fst4
C/N V
C/N U
REFL
LUT 1
LUT 2
Measurement conditions
VHF operation fOSC=100 MHz
∆ f when VCC 5 V changes ±5 %
VHF operation fOSC=405 MHz
∆f when VCC 5 V changes ±5 %
UHF operation fOSC=405 MHz
∆ f when VCC 5 V changes ±5 %
UHF operation fOSC=845 MHz
∆f when VCC 5 V changes ±5 %
10 kHz offset
10 kHz offset
Phase comparison frequency of
62.5 kHz, CP : 1
VHF operation fOSC=95 MHz
fOSC=395 MHz CP : 1
UHF operation fOSC=413 MHz
fOSC=847 MHz CP : 1
Min.
Typ.
Max.
Unit
±200
kHz
±250
kHz
±150
kHz
±150
kHz
82
dBc/Hz
78
55
dB
34
70
ms
36
70
1 Value measured with untuned input.
2 NF meter direct-reading value (DSB measurement).
3 Value with a desired reception signal input level of –30 dBm, an interference signal of 100 kHz/30 % AM,
and an interference signal level where S/I=46 dB measured with a spectrum analyzer.
4 Value when the PLL is not operating.


Similar Part No. - CXA3250N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3250N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com