Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOC2411 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOC2411
Description  30V P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2411 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOC2411 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2411 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2411 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2411 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AOC2411
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
0
3
6
9
12
15
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
400
800
1200
1600
0
5
10
15
20
25
30
-V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
10
20
30
40
50
C
oss
C
rss
V
DS=-10V
I
D=-1A
T
J(Max)=150°C
T
A=25°C
0.1
1.0
10.0
100.0
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
100
µs
100ms
Rev 1 : August 2012
www.aosmd.com
Page 4 of 5
0
10
0.001
0.01
0.1
1
10
100
1000
10000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Single Pulse
D=T
on/(Ton+T)
T
J,PK=TA+PD.Z
θJA.RθJA
RθJA=155°C/W
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.0
0.1
0.01
0.1
1
10
100
-V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
T
J(Max)=150°C
T
C=25°C
100ms
Rev 1 : August 2012
www.aosmd.com
Page 4 of 5


Similar Part No. - AOC2411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2412 AOSMD-AOC2412 Datasheet
227Kb / 5P
   20V N-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
   8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AOC2417 AOSMD-AOC2417 Datasheet
250Kb / 5P
   20V P-Channel MOSFET
Rev 0 : Nov. 2012
More results

Similar Description - AOC2411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com