Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK10-190C Datasheet(PDF) 3 Page - Littelfuse

Part # AK10-190C
Description  Transient Voltage Suppression Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AK10-190C Datasheet(HTML) 3 Page - Littelfuse

  AK10-190C Datasheet HTML 1Page - Littelfuse AK10-190C Datasheet HTML 2Page - Littelfuse AK10-190C Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revision: October 19, 2011, 16:35
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
143
Axial Leaded – 10kA > AK10 series
AK10 Series
Please refer to http://www.Littelfuse.com/series/AK10.html for current information.
L2
L1
A
G
D
E
F
C
B
Part Marking System
Dimensions
Inches
Millimeters
A
0.950
24.15
B
0.095
2.4
C - 058C/066C/076C
0.236
6.00
C
0.145
3.68
D
0.570 max.
14.48 max.
E
0.050
1.270
F
0.500 max.
12.70 max.
G - 058C/066C/076C
0.200
5.08
G - 170C/190C
0.362
9.2
G - 240C
0.420
10.67
G - 380C/430C
0.650
16.50
L1
0.310
7.87
L1 - 380C/430C
0.177
4.5
L2= A - (G+L1) tolerance +/- 0.04 inch (1.0 mm)
Dimensions
Part Numbering System
(Please Refer to Electrical
Characteristics Chart)
AK10 XXXX
Series Type
Stand Off Voltage
Note: UL mark does not appear on -058C & -066C & -076C.
LF
Product Type
Littelfuse Logo
Date Code


Similar Part No. - AK10-190C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK10-190C LITTELFUSE-AK10-190C Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
AK10-190C LITTELFUSE-AK10-190C Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK10-190C LUGUANG-AK10-190C Datasheet
1Mb / 2P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10-190C LITTELFUSE-AK10-190C Datasheet
3Mb / 146P
   TVS Diode Products
logo
Micro Commercial Compon...
AK10-190C MCC-AK10-190C Datasheet
238Kb / 3P
   Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
More results

Similar Description - AK10-190C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com