Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW08051R50FKEA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # CRCW08051R50FKEA
Description  Non-Dimmable 120VAC Evaluation Board
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CRCW08051R50FKEA Datasheet(HTML) 1 Page - Diodes Incorporated

  CRCW08051R50FKEA Datasheet HTML 1Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 2Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 3Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 4Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 5Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 6Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 7Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 8Page - Diodes Incorporated CRCW08051R50FKEA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Reference Design
AL9910EV8
Non-Dimmable 120VAC
Evaluation Board
Case #1:
(Input=120VAC; Output=48V/90mA)
Case #2:
(Input=120VAC; Output=96V/45mA)
Applications: B10 Light Bulbs
-Customer: Cree-
Date: October 27, 2011
This document contains Diodes confidential and proprietary information


Similar Part No. - CRCW08051R50FKEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CRCW08051R50JNEA NXP-CRCW08051R50JNEA Datasheet
491Kb / 15P
   Airfast RF Power GaN Transistor
Rev. 1 - 20 March 2024
More results

Similar Description - CRCW08051R50FKEA

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
logo
Monolithic Power System...
MP4068 MPS-MP4068 Datasheet
745Kb / 20P
   Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
   Non-Dimmable Fluorescent Ballast
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
   Non-Synchronized White LED Driver Evaluation Board
EV4056-K-00A MPS-EV4056-K-00A Datasheet
375Kb / 15P
   198VAC~265VAC/50Hz, 48V/340mA Low Cost, Non-isolated with Active PFC TRIAC Dimmable LED Driver Evaluation Board
logo
List of Unclassifed Man...
BUBOE27160WF05 ETC2-BUBOE27160WF05 Datasheet
1Mb / 8P
   6W Non Dimmable Light Bulb
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
   75W Non Dimmable LED Driver
logo
Diodes Incorporated
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com