Selected language     English  ▼


TC7USB31FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7USB31FK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 4 page
background image
TC7USB31FK
2009-11-12
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
“H” level
VIH
2.3 to 3.6
0.46
×
VCC
Input voltage
( OE )
“L” level
VIL
2.3 to 3.6
0.25
×
VCC
V
Input leakage current
( OE )
IIN
VIN = 0 to 3.6 V
2.3 to 3.6
±1.0
μA
Power-off leakage current
IOFF
VIN = 0 to 3.6 V
0
±5.0
μA
Off-state leakage current
(switch off)
ISZ
VIS = 0 to VCC, OE = VCC
2.3 to 3.6
±5.0
μA
VIS = 0 V, IIS = 30 mA
(Note 1)
3.0
4.5
9
VIS = 0.4 V, IIS = 30 mA
(Note 1)
3.0
5
9.5
ON resistance
(Note 2)
RON
VIS = 3.0 V, IIS = 30 mA
(Note 1)
3.0
11
18
Ω
Delta RON
Δ
RON VIS = 0.4 V, 1.0 V, IIS = 30 mA
3.0
0.5
Ω
On-Resistance Flatness
RON(flat) VIN = 0 V to 1.0 V, IIS = 30 mA
3.0
1.2
Ω
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
3.6
2.0
μA
Increase in ICC per input
Δ
ICC
VIN = 1.8 V
3.6
10.0
μA
Note 1: All typical values are at Ta = 25°C.
Note 2: Measured by the voltage drop between D+/D- and HSD+/HSD- pins at the indicated current through the
switch. ON resistance is determined by the lower of the voltages on the two pins.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl