Selected language     English  ā–¼


TC7USB31FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part No. TC7USB31FK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 7 page
background image
TC7USB31FK
2009-11-12
7
AC Test Circuit Load / Waveform
Figure 1: Propagation Delay Time (tpLH, tpHL)
VOL
VOH
0.4V
0.8V
50%
50%
tpLH
tpHL
Input
(D+, D-)
Output
(HSD+, HSD-)
50%
50%
Output
D+, D-
HSD+, HSD-
Control
GND
OE
VCC
Input
Figure 2: Turn ON/Turn OFF (tON, tOFF)
VOL
VOH
0V
1.8V
50%
tON
tOFF
Input
(
OE )
Output
(HSD+, HSD-)
90%
50%
90%
Output
D+, D-
HSD+, HSD-
Control
GND
OE
VCC
VCC
Input




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl