Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3500FB39A0050 Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # 3500FB39A0050
Description  WiMAX Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

3500FB39A0050 Datasheet(HTML) 4 Page - Johanson Technology Inc.

  3500FB39A0050 Datasheet HTML 1Page - Johanson Technology Inc. 3500FB39A0050 Datasheet HTML 2Page - Johanson Technology Inc. 3500FB39A0050 Datasheet HTML 3Page - Johanson Technology Inc. 3500FB39A0050 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Applications Engineer
Manuel Carmona
Phone: 805-389-1166 ext 1541
Email: mcarmona@johansontechnology.com
Visit
www.johansontechnology.com/application for the latest
products, detailed specifications, and to download S-parameter files.
Johanson Technology
4001 Calle Tecate
Camarillo, CA 93012 USA
Voice: 805-389-1166
Fax: 805-389-1821
Page 4 of 4
1 Aug 08
Product
JtI P/N
SPecS
SIze
APPlIcAtIoN commeNtS
Band Pass Filter
2600BP14M0200
Frequency (MHz)
2300 - 2700
Case 14-2
L= 0.063
(1.60)
W=0.031
(0.80)
T= 0.022
(0.55)
New WiMAX 2.5 GHz BPF in EIA 0603 profile.
(T = 0.55 mm nom). Excellent attenuation
performance over entire band of operation
Insertion Loss (max)
2.2 dB @ 25 dB
2.5 dB @ -40 - 85 dB
Attenuation (min)
30 @ 806 - 915MHz
30 @ 1710 - 1785MHz
30 @ 1850 - 1910MHz
30 @ 1920 - 1980MHz
13 @ 3300 - 3900MHz
20 @ 4900 - 5900MHz
Return Loss (min)
9.5 dB
Band Pass Filter
3600BP14M600
Frequency (MHz)
3300 - 3700
Case 14-2
L= 0.063
(1.60)
W=0.031
(0.80)
T= 0.022
(0.55)
New WiMAX 3.5 GHz BPF in EIA 0603 profile.
(T = 0.55 mm nom). Excellent I.L and attenuation
performance.
Insertion Loss (max)
1.8 dB @ 25 dB
2.0 dB @ -40 - 85 dB
Attenuation (min)
30 @ 806 - 915MHz
30 @ 1710 - 1785MHz
30 @ 1850 - 1910MHz
30 @ 1920 - 1980MHz
31 @ 2400 - 2500MHz
18 @ 4900 - 5900MHz
Return Loss (min)
12 dB
Band Pass Filter
3600BP15M600
Frequency (MHz)
3300 - 3900 (Prelim)
Case 15-3B
L= 0.079
(2.00)
W=0.049
(1.25)
T= 0.026
(0.65)
New WiMAX 3.3/3.9 Ghz Band Pass Filter in EIA
0805 profile. Good I.L, R.L performance over band
of operation.
Insertion Loss (max)
1.8 dB (Prelim)
Attenuation (min)
15 dB @ 100 - 2600 MHz (Prelim)
9 dB @ 4400 MHz (Prelim)
20 dB @ 6000 - 9900 MHz (Prelim)
Return Loss (min)
9.5 dB (Prelim)
Low Pass Filter
3550LP14A300
Frequency (MHz)
3400 - 3700
Case 14-1
L= 0.063
(1.60)
W=0.031
(0.80)
T= 0.024
(0.60)
3.5 GHz Low Pass Filter for WiMAX 3.5 GHz in
an EIA 0603 profile. Excellent I.L, R.L & harmonic
rejection performance throughout entire band of
operation.
Insertion Loss (max)
0.65 dB
Attenuation (min)
25 dB @ 2xFo
25 dB @ 3xFo
Return Loss (min)
14 dB


Similar Part No. - 3500FB39A0050

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
3500FB39A0050 JOHANSON-3500FB39A0050 Datasheet
126Kb / 2P
   3.5 GHz (ETSI Band) Balun/Filter Combination
3500FB39A0050 JOHANSON-3500FB39A0050 Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
More results

Similar Description - 3500FB39A0050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5032 EPCOS-B5032_1 Datasheet
78Kb / 7P
   WiMAX
B5034 EPCOS-B5034_1 Datasheet
58Kb / 7P
   WiMAX
B5094 EPCOS-B5094 Datasheet
100Kb / 8P
   WiMax
logo
Analog Devices
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
   WiMAX RF
Rev. Sp0
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
List of Unclassifed Man...
FXP100070100A ETC2-FXP100070100A Datasheet
740Kb / 9P
   Flexible WiMAX antenna
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
   WiMAX/WiBro RF
Rev. Sp0
logo
EPCOS
B5075 EPCOS-B5075 Datasheet
89Kb / 8P
   SAW filter WiMAX
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com