Selected language     English  ▼


TC7USB221FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC7USB221FT
Description  Dual SPDT USB Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 5 page
background image
TC7USB221FT
2009-11-16
5
AC Characteristics VCC=3.3V± 10% (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
Propagation Delay Time
(Note)
tpd
CL=5 pF
3.3
± 0.3
0.25
ns
Turn ON Time (S, OE to Output)
tON
RL=50 Ω, CL=5 pF
3.3
± 0.3
7.5
17
ns
Turn OFF Time (S, OE to Output)
tOFF
RL=50 Ω, CL=5 pF
3.3
± 0.3
3.3
10
ns
Break Before Make
TBBM
RL=50 Ω, CL=5 pF
3.3
± 0.3
2
7.0
ns
Output skew between center port to
any other port
(Note)
tSK(O)
CL=5 pF
3.3
± 0.3
0.1
ns
Skew of Opposite Transitions of the
same output (tpHL- tpLH)
(Note)
tSK(P)
CL=5 pF
3.3
± 0.3
0.1
ns
Off Isolation (Non-Adjacent)
OIRR
RT=50 Ω, f=240 MHz
3.3
± 0.3
-36
dB
Crosstalk(Non-Adjacent)
XTalk
RT=50 Ω, f=240 MHz
3.3
± 0.3
-36
dB
-3dB Bandwidth
BW
RT=50 Ω,CL=0 pF
3.3
± 0.3
720
MHz
Note: This parameter is guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capaci tance
( OE , S )
CIN
VIN = 0 V
(Note)
3.3
4
pF
Switch terminal Off capacitance
( D+, D)
CI/O
VIS = 0 V, OE = VCC
(Note)
3.3
4
pF
Switch terminal Off capacitance
( 1D+, 1D, 2D+, 2D)
CI/O
VIS = 0 V, OE = VCC
(Note)
3.3
3
pF
Switch terminal On capacitance
CI/O
VIS = 0 V, OE = GND
(Note)
3.3
7
pF
Note: This parameter is guaranteed by design.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl