Selected language     English  ▼


TC7USB221WBG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC7USB221WBG
Description  Dual SPDT USB Switch
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 5 page
background image
TC7USB221WBG
5
10.4.
10.4.
10.4.
10.4. Capacitive Characteristics (Note) (Unless otherwise specified, T
Capacitive Characteristics (Note) (Unless otherwise specified, T
Capacitive Characteristics (Note) (Unless otherwise specified, T
Capacitive Characteristics (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Input capacitance
(OE, S)
Switch terminal OFF-capacitance
(D+, D-)
Switch terminal OFF-capacitance
(1D+, 1D-, 2D+, 2D-)
Switch terminal ON-capacitance
Symbol
CIN
CI/O
Note
Test Condition
VIN = 0 V
OE = VCC, VIS = 0 V
OE = GND, VIS = 0 V
VCC (V)
3.3
Typ.
4
4
3
7
Unit
pF
Note:
Parameter guaranteed by design.
11.
11.
11.
11. AC Test Circuits and Waveforms
AC Test Circuits and Waveforms
AC Test Circuits and Waveforms
AC Test Circuits and Waveforms
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 Propagation Delay Time (t
Propagation Delay Time (t
Propagation Delay Time (t
Propagation Delay Time (tPLH
PLH
PLH
PLH
, t
, t
, t
, tPHL
PHL
PHL
PHL
))))
2011-07-22
Rev.1.0




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl