Selected language     English  ▼


TC7W00FK_09 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7W00FK_09
Description  Dual 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TC7W00F/FU/FK
2009-08-04
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7W00F, TC7W00FU, TC7W00FK
Dual 2-Input NAND Gate
Features
• High Speed
: tpd = 6ns (typ.) at VCC = 5V
• Low power dissipation
: ICC = 1μA (max) at Ta = 25°C
• High noise immunity
: VNIH = VNIL = 28% VCC (min)
• Output drive capability
: 10 LSTTL Loads
• Symmetrical Output Impedance : |IOH| = IOL= 4mA (min)
• Balanced propagation delays
: tpLH ≒ tpHL
• Wide operating voltage range : VCC = 2 to 6 V
Marking
Pin Assignment (top view)
TC7W00F
FM8)
TC7W00FU
(SM8)
TC7W00FK
(US8)
Weight
SOP8-P-1.27
: 0.05 g (typ.)
SSOP8-P-0.65
: 0.02 g (typ.)
SSOP8-P-0.50A
: 0.01 g (typ.)
Lot No.
Product Name
SM8
US8
W
0 0
7 W 0 0
FM8
7 W 0 0 F
Product Name
Lot No.
1A
1
1B
2
2Y
3
GND
4
8 VCC
7
1Y
6
2B
5
2A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl