Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3151 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3151
Description  Digital constant-current controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3151 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3151 Datasheet HTML 4Page - STMicroelectronics AN3151 Datasheet HTML 5Page - STMicroelectronics AN3151 Datasheet HTML 6Page - STMicroelectronics AN3151 Datasheet HTML 7Page - STMicroelectronics AN3151 Datasheet HTML 8Page - STMicroelectronics AN3151 Datasheet HTML 9Page - STMicroelectronics AN3151 Datasheet HTML 10Page - STMicroelectronics AN3151 Datasheet HTML 11Page - STMicroelectronics AN3151 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Microcontroller peripherals
AN3151
8/34
Doc ID 17051 Rev 1
2
Microcontroller peripherals
The control is fully dedicated to the microcontroller which is suitable for managing PWM
generation, analog sensing, by means of ADC, and executing four independent current
loops through PI standard controllers.
2.1
TIMER1: advanced control timer (TIM1)
Figure 4 shows the TIM1 block diagram
Figure 4.
TIM1 block diagram
The TIM1 is a 16-bit advanced control timer with many settings and features for industrial
and motor control applications including protection for fault management.
The main features are:
16-bit Up, Down, and Up/down counter with auto reload function
4 independent channels with several configurations (input capture, output compare,
edge or center aligned PWM, one pulse mode and complementary outputs)
Break input
Interrupt and trigger event
The current reading methodology used in this application needs a trigger event, generated
by the timer, in order to start the ADC.
For further details refer to the STM8S reference manual RM0016 [1].


Similar Part No. - AN3151

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN315 SILABS-AN315 Datasheet
172Kb / 8P
   ROBUST ELECTRICAL SURGE IMMUNITY FOR POE PDS THROUGH INTEGRATED PROTECTION
logo
List of Unclassifed Man...
AN315 ETC2-AN315 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
   Soldering Recommendations for Pressure Sensor Devices
logo
STMicroelectronics
AN3150 STMICROELECTRONICS-AN3150 Datasheet
866Kb / 25P
   Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
AN3152 STMICROELECTRONICS-AN3152 Datasheet
421Kb / 17P
   The right technology for solar converters
More results

Similar Description - AN3151

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL1601 UTC-USL1601 Datasheet
174Kb / 6P
   CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com