Selected language     English  ▼


TC7W08F_09 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7W08F_09
Description  Dual 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7W08F/FU/FK
2009-08-04
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
High-level input voltage
VIH
6.0
4.2
4.2
2.0
0.5
0.5
4.5
1.35
1.35
Low-level input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
IOH = −20 μA
6.0
5.9
6.0
5.9
IOH = −4 mA
4.5
4.18
4.31
4.13
High-level output voltage
VOH
VIN = VIH
IOH = −5.2 mA
6.0
5.68
5.80
5.63
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
IOL = 20 μA
6.0
0.0
0.1
0.1
IOL = 4 mA
4.5
0.17
0.26
0.33
Low-level output voltage
VOL
VIN = VIH
or VIL
IOL = 5.2 mA
6.0
0.18
0.26
0.33
V
Input leakage current
IIN
VIN = VCC or GND
6.0
±.0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
6.0
1.0
10.0
μA




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl