Selected language     English  ▼


TC7W08FU_09 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7W08FU_09
Description  Dual 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TC7W08F/FU/FK
2009-08-04
4
AC Characteristics (CL= 15pF, VCC = 5V, Ta = 25°C)
Ta
= 25°C
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output Transition Time
tTLH
tTHL
4
8
ns
Propagation Delay Time
tpLH
tpHL
6
12
ns
AC Characteristics (CL= 50pF, Input: tr = tf = 6 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
25
75
95
4.5
7
15
19
Output Transition Time
tTLH
tTHL
6.0
6
13
16
ns
2.0
27
75
95
4.5
8
15
19
Propagation delay time
tpLH
tpHL
6.0
7
13
16
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation capacitance
CPD
(Note 1)
19
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl