Selected language     English  ▼


TC7W74FK_09 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7W74FK_09
Description  D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TC7W74F/FU/FK
2009-09-30
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7W74F,TC7W74FU,TC7W74FK
D-Type Flip Flop with Preset and Clear
The TC7W74 is a high speed C2MOS D Flip Flop fabricated
with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the C2MOS low power dissipation.
The signal level applied to the D INPUT is transferred to Q
OUTPUT during the positive going transition of the CLOCK pulse
CLEAR and PRESET are independent of the CLOCK and are
accomplished by setting the appropriate input to an “L” level
Input is equipped with protection circuits against static discharge
or transient excess voltage.
Features
• High speed: fmax = 77 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
Marking
TC7W74F
TC7W74FU
TC7W74FK
Weight
SOP8-P-1.27: 0.05 g (typ.)
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)
Lot No.
Part No.
7 W 7 4 F
TC7W74F
TC7W74FU
Lot No.
Part No.
7 W 7 4
TC7W74FK
Part No.
W
7 4




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl