Selected language     English  ▼


TC7W74FU_09 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7W74FU_09
Description  D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7W74F/FU/FK
2009-09-30
3
Truth Table
Inputs
Outputs
CLR
PR
D
CK
Q
Q
Function
L
H
X
X
L
H
Clear
H
L
X
X
H
L
Preset
L
L
X
X
H
H
H
H
L
L
H
H
H
H
H
L
H
H
X
Qn
n
Q
No Change
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 6
V
Input voltage
VIN
0 to VCC
V
Output voltage
VI/O
0 to VCC
V
Operating temperature range
Topr
40 to 85
°C
0 to 1000 (VCC = 2.0 V)
0 to 500 (VCC = 4.5 V)
Input rise and fall time
tr, tf
0 to 400 (VCC = 6.0 V)
ns
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
High level
VIH
6.0
4.2
4.2
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
Low level
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
IOH = −20 μA
6.0
5.9
6.0
5.9
IOH = −4 mA
4.5
4.18
4.31
4.13
High level
VOH
VIN =
VIH or VIL
IOH = −5.2 mA
6.0
5.68
5.80
5.63
2.0
0
0.1
0.1
4.5
0
0.1
0.1
IOL = 20 μA
6.0
0
0.1
0.1
IOL = 4 mA
4.5
0.17
0.26
0.33
Output
voltage
Low level
VOL
VIN =
VIH or VIL
IOL = 5.2 mA
6.0
0.18
0.26
0.33
V
Input leakage current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
6.0
2.0
20.0
μA




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl