Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13R476C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 13R476C
Description  Radial Lead Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

13R476C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  13R476C Datasheet HTML 1Page - Murata Power Solutions Inc. 13R476C Datasheet HTML 2Page - Murata Power Solutions Inc. 13R476C Datasheet HTML 3Page - Murata Power Solutions Inc. 13R476C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KMP_1300RC_A02 Page 1 of 4
1300R Series
Radial Lead Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Up to 6.3A IDC
1.5μH to 68mH
Low DC resistance
UL VW-1 rated sleeving
Backward compatible with
Sn/Pb soldering systems
Custom parts available
DESCRIPTION
The 1300R Series is a general purpose range
of inductors suitable for low to medium current
applications such as power supply and other
general purpose filtering designs.
SELECTION GUIDE
Order Code
Inductance
(1kHz, 0.1VAC)
DC Current1
DC Resistance
±10%
Max.
Max.
μH
A
Ω
13R152C
1.5
±20%
6.3
0.008
13R222C
2.2
±20%
5.3
0.010
13R332C
3.3
±20%
4.8
0.013
13R472C
4.7
±20%
4.3
0.017
13R682C
6.8
±20%
3.5
0.023
13R103C
10
3.0
0.031
13R153C
15
2.5
0.042
13R223C
22
2.0
0.070
13R333C
33
1.8
0.092
13R473C
47
1.5
0.110
13R683C
68
1.3
0.150
13R104C
100
1.0
0.240
13R154C
150
0.82
0.330
13R224C
220
0.70
0.470
13R334C
330
0.58
0.640
13R474C
470
0.45
1.05
13R684C
680
0.42
1.50
13R105C
1.0mH
0.33
2.10
13R155C
1.5mH
0.28
3.10
13R225C
2.2mH
0.24
4.50
13R335C
3.3mH
0.19
7.0
13R475C
4.7mH
0.16
9.3
13R685C
6.8mH
0.13
13.5
13R106C
10mH
0.085
23.8
13R156C
15mH
0.080
31.0
13R226C
22mH
0.070
48.0
13R336C
33mH
0.060
68.0
13R476C
47mH
0.045
120.0
13R686C
68mH
0.040
152.0
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to +85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak wave solder temperature
260˚C for 10 seconds
Pin finish
Bright tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES


Similar Part No. - 13R476C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
13R476C MURATA-13R476C Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Diodes Incorporated
13R476C DIODES-13R476C Datasheet
613Kb / 14P
   Non-Dimmable 120VAC Evaluation Board
More results

Similar Description - 13R476C

ManufacturerPart #DatasheetDescription
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
   RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
   Radial Lead Inductors
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
   Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
   Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
   Radial Lead Inductors
logo
Murata Manufacturing Co...
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
   Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
   Radial Lead Inductors
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
   RADIAL LEAD INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com