Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3286 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA3286
Description  8-bit 160MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3286 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA3286 Datasheet HTML 7Page - Sony Corporation CXA3286 Datasheet HTML 8Page - Sony Corporation CXA3286 Datasheet HTML 9Page - Sony Corporation CXA3286 Datasheet HTML 10Page - Sony Corporation CXA3286 Datasheet HTML 11Page - Sony Corporation CXA3286 Datasheet HTML 12Page - Sony Corporation CXA3286 Datasheet HTML 13Page - Sony Corporation CXA3286 Datasheet HTML 14Page - Sony Corporation CXA3286 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
– 11 –
CXA3286R
Electrical Characteristics Measurement Circuit
Current Consumption Measurement Circuit
VRT
VIN
VRB
AVCC
DVCC1
DVCC2
PS
DGND3
DGND2
DGND1
AGND
CLK/E
DVEE3
A
A
5MHz PECL
4V
1.95V
2V
5V
5V
Icc
IEE
Integral Linearity Error Measurement Circuit
Differential Linearity Error Measurement Circuit
CXA3286R
A
< B A > B
Comparator
A8
to
A1
A0
B8
to
B1
B0
Buffer
Controller
DVM
8
8
“1”
“0”
000 ··· 00
to
111 ··· 10
VIN
+V
–V
S2
S1
S1: ON when A
< B
S2: ON when A > B
Sampling Delay Measurement Circuit
Aperture Jitter Measurement Circuit
CXA3286R
OSC1
φ: Variable
OSC2
Logic
Analizer
100MHz
100MHz
Amp
ECL
Buffer
CLK
VIN
8
fr
1024
samples
Aperture Jitter Measurement Method
VIN
σ (LSB)
CLK
VIN
CLK
∆u
∆ t
VRT
VRM2
VRB
129
128
127
126
125
Sampling timing fluctuation
(= aperture jitter)
Error Rate Measurement Circuit
Comparator
A
> B
Pulse
Counter
CXA3286R
Signal
Source
Latch
Latch
1/N
+
Signal
Source
Fc
N
– 1kHz
2Vp-p Sin Wave
Fc
VIN
CLK
CLK
8
16LSB
A
B
Where
σ (LSB) is the deviation of the output codes when
the largest slew rate point is sampled at the clock which
has exactly the same frequency as the analog input
signal, the aperture jitter Taj is:
Taj =
σ/
=
σ/ (
)
∆t
∆υ
2
256 × 2πf


Similar Part No. - CXA3286

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com