Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WG126FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WG126FU
Description  Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG126FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WG126FU_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 8Page - Toshiba Semiconductor TC7WG126FU_09 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC7WG126FU/FK
2009-09-24
3
Electrical Characteristics
DC Characteristics
Ta
 25°C
Ta
 40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC


VCC

1.1 to 1.3
VCC
0.7


VCC
0.7

1.4 to 1.6
VCC
0.65


VCC
0.65

1.65 to
1.95
VCC
0.65


VCC
0.65

2.3 to 2.7
1.7


1.7

High level
VIH
3.0 to 3.6
2.0


2.0

0.9

GND

GND
1.1 to 1.3


VCC
0.3

VCC
0.3
1.4 to 1.6


VCC
0.35

VCC
0.35
1.65 to
1.95


VCC
0.35

VCC
0.35
2.3 to 2.7


0.7

0.7
Input voltage
Low level
VIL
3.0 to 3.6


0.8

0.8
V
IOH 0.02 mA
0.9
0.75

0.75

IOH  0.3 mA 1.1 to 1.3
VCC
0.75

VCC
0.75

IOH  1.7 mA 1.4 to 1.6
VCC
0.75

VCC
0.75

IOH  3.0 mA
1.65 to
1.95
VCC
-0.45

VCC
-0.45

IOH  4.0 mA 2.3 to 2.7
2.0

2.0

High level
VOH
VIN VIH
IOH  8.0 mA 3.0 to 3.6 2.48

2.48

IOL  0.02 mA
0.9

0.1

0.1
IOL  0.3 mA
1.1 to 1.3

VCC
0.25

VCC
0.25
IOL  1.7 mA
1.4 to 1.6

VCC
0.25

VCC
0.25
IOL  3.0 mA
1.65 to
1.95

0.45

0.45
IOL  4.0 mA
2.3 to 2.7

0.4

0.4
Output voltage
Low level
VOL
VIN VIL
or VIH
IOL  8.0 mA
3.0 to 3.6

0.4

0.4
V
Input leakage current
IIN
VIN  0 to 5.5V
0 to 3.6


0.1

1.0
A
3-state output off-state current
IOZ
VIN  VIH or VIL
VOUT  0 to 3.6V
0.9 to 3.6


1.0

10.0
A
Power off leakage current
IOFF
VIN = 5.5V
or VOUT = 3.6V
0.0


1.0

10.0
A
Quiescent supply current
ICC
VIN  VCC or GND
3.6


1.0

10.0
A


Similar Part No. - TC7WG126FU_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
More results

Similar Description - TC7WG126FU_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
   Dual Bus Buffer with 3-state Output
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WZ125FU TOSHIBA-TC7WZ125FU Datasheet
202Kb / 7P
   Dual Bus Buffer With 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G126 RENESAS-HD74ALVC2G126_15 Datasheet
125Kb / 15P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
   Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74LV2G125A RENESAS-HD74LV2G125A Datasheet
94Kb / 10P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G126 RENESAS-HD74ALVC2G126 Datasheet
100Kb / 13P
   Dual Bus Buffer with 3-state Output
RD74LVC2G125 RENESAS-RD74LVC2G125 Datasheet
1Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G125 RENESAS-HD74ALVC2G125 Datasheet
105Kb / 13P
   Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com