Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WH240FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WH240FK
Description  Dual Bus Buffer Inverted, 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH240FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WH240FK_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH240FK_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH240FK_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH240FK_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH240FK_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH240FK_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH240FK_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WH240FU/FK
2009-09-28
2
IEC Logic Symbol
Truth Table
INPUTS
OUTPUTS
G
A
Y
L
L
H
L
H
L
H
X
Z
X: Don’t Care
Z: High Impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
0 to 100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0 to 20 (VCC = 5.0 ± 0.5 V)
ns/V
G1
Y1
EN
A1
G2
Y2
EN
A2


Similar Part No. - TC7WH240FK_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH240FK TOSHIBA-TC7WH240FK Datasheet
215Kb / 7P
   DUAL BUS BUFFER INVERTED, 3-STATE OUTPUTS
More results

Similar Description - TC7WH240FK_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH240FU TOSHIBA-TC7WH240FU Datasheet
215Kb / 7P
   DUAL BUS BUFFER INVERTED, 3-STATE OUTPUTS
TC7WH241FU TOSHIBA-TC7WH241FU Datasheet
214Kb / 7P
   DUAL BUS BUFFER NON INVERTED, 3-STATE OUTPUTS
TC7WH241FK TOSHIBA-TC7WH241FK_09 Datasheet
184Kb / 7P
   Dual Bus Buffer Non Inverted, 3-State Outputs
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com