Electronic Components Datasheet Search |
|
TC7WH240FU Datasheet(PDF) 4 Page - Toshiba Semiconductor |
|
TC7WH240FU Datasheet(HTML) 4 Page - Toshiba Semiconductor |
4 / 7 page TC7WH240FU/FK 2009-09-28 4 AC Characteristics (特に指定がない場合、Input: tr = tf = 3 ns) Ta = 25°C Ta = −40~85°C Characteristics Symbol Test Condition VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ⎯ 5.3 7.5 1.0 9.0 3.3 ± 0.3 50 ⎯ 7.8 11.0 1.0 12.5 15 ⎯ 3.6 5.5 1.0 6.5 Propagation Delay Time tpLH tpHL 5.0 ± 0.5 50 ⎯ 5.1 7.5 1.0 8.5 ns 15 ⎯ 6.6 10.6 1.0 12.5 3.3 ± 0.3 50 ⎯ 9.1 14.1 1.0 16.0 15 ⎯ 4.7 7.3 1.0 8.5 3-State Output Enable Time tpZL tpZH RL = 1kΩ 5.0 ± 0.5 50 ⎯ 6.2 9.3 1.0 10.5 ns 3.3 ± 0.3 50 ⎯ 10.3 14.0 1.0 16.0 3-State Output Disable Time tpLZ tpHZ RL = 1kΩ 5.0 ± 0.5 50 ⎯ 6.7 9.2 1.0 10.5 ns 3.3 ± 0.3 50 ⎯ ⎯ 1.5 ⎯ 1.5 Output to Output Skew tosLH tosHL (Note 2) 5.0 ± 0.5 50 ⎯ ⎯ 1.0 ⎯ 1.0 ns Input Capacitance CIN ⎯ 4 10 ⎯ 10 pF Output Capacitance CI/O ⎯ 6 ⎯ ⎯ ⎯ pF Power Dissipation Capacitance CPD (Note 3) ⎯ 17 ⎯ ⎯ ⎯ pF Note 2: Parameter guaranteed by design. tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn| Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation : ICC (opr) = CPD・VCC・fIN ICC/2 Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns) Characteristics Symbol Test Condition VCC (V) Typ. Limit Unit Quiet output maximum dynamic VOL VOLP CL = 50 pF 5.0 0.5 0.8 V Quiet output minimum dynamic VOL VOLV CL = 50 pF 5.0 −0.5 −0.8 V Minimum high level dynamic input voltage VIHD CL = 50 pF 5.0 ⎯ 3.5 V Maximum low level dynamic input voltage VILD CL = 50 pF 5.0 ⎯ 1.5 V Input Equivalent Circuit |
Similar Part No. - TC7WH240FU_09 |
|
Similar Description - TC7WH240FU_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |