Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0216005.MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 0216005.MXP
Description  216 Series, 5 x 20 mm, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0216005.MXP Datasheet(HTML) 1 Page - Littelfuse

  0216005.MXP Datasheet HTML 1Page - Littelfuse 0216005.MXP Datasheet HTML 2Page - Littelfuse 0216005.MXP Datasheet HTML 3Page - Littelfuse 0216005.MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
216 Series
5×20 mm > Fast-Acting > 216 Series
Please refer to www.littelfuse.com/series/216.html for current information.
216 Series, 5 x 20 mm, Fast-Acting Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
1-5A
NBK 080205-E10480A
6.3A-10A NBK 250702-E10480E
12.5A
NBK 240108-JP1021C
16A
NBK 240108-JP1021E
Leaded Certificates:
1-5A
NBK 080205-E10480B
6.3A-10A NBK 250702-E10480F
12.5A
NBK 240108-JP1021D
16A
NBK 240108-JP1021F
1A – 16A
Certificates:
2003010207079960
50mA – 6.3A
Certificates:
SU05001-2013
1A – 10A
Recognised File:
E10480
Guide:
JDYX2
50mA – 10A
12.5A, 16A
File:
029862
Acc. Class:
LR1422-30
File:
1027156
8117 45
1117973
1020822
1027014
50mA – 125mA
160mA – 800mA
1A – 6.3A
8A – 10A
16A
License:
40013834
50mA – 6.3A
*8A, *10A
License:
40016442
*12.5A
License:
KM41462
1A – 6.3A
50mA – 16A
Features
International (IEC )
Standards for use
globally
for fast-acting fuses
and axial lead form
lead-free
Applications
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
Opening Time
150%
50mA – 4A
60 minutes, Minimum
5A – 6.3A
60 minutes, Minimum
8A – 16A
30 minutes, Minimum
210%
50mA – 4A
30 minutes, Maximum
5A – 6.3A
30 minutes, Maximum
8A – 16A
30 minutes, Maximum
275%
50mA – 4A
0.01 sec.., Min.; 2 sec. Max.
5A – 6.3A
0.01 sec.., Min.; 3 sec. Max.
8A – 16A
0.04 sec., Min.; 20 sec. Max.
400%
50mA – 4A
.003 sec., Min.; 0.3 sec. Max.
5A – 6.3A
.003 sec., Min.; 0.3 sec. Max.
8A – 16A
.01 sec.., Min.; 1.0 sec. Max.
1000%
50mA – 4A
.02 seconds, Maximum
5A – 6.3A
.02 seconds, Maximum
8A – 16A
.03 sec.onds, Maximum
5x20mm fast-acting ceramic body cartridge fuse designed
PS
E
Description
Revised: April 23, 2012


Similar Part No. - 0216005.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0216005.MXESPP LITTELFUSE-0216005.MXESPP Datasheet
1Mb / 3P
   Axial Lead Fuses
More results

Similar Description - 0216005.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com