Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3512R Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3512R
Description  LCD Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3512R Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3512R Datasheet HTML 4Page - Sony Corporation CXA3512R Datasheet HTML 5Page - Sony Corporation CXA3512R Datasheet HTML 6Page - Sony Corporation CXA3512R Datasheet HTML 7Page - Sony Corporation CXA3512R Datasheet HTML 8Page - Sony Corporation CXA3512R Datasheet HTML 9Page - Sony Corporation CXA3512R Datasheet HTML 10Page - Sony Corporation CXA3512R Datasheet HTML 11Page - Sony Corporation CXA3512R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
– 8 –
CXA3512R
Electrical Characteristics (See Electrical Characteristics Measurement Circuit)
(VDD = 5V, VCC = 15.5V, VSIGCEN = 7V, Ta = 25 ± 3°C)
No.
Item
Symbol
Measurement contents
Min.
Typ. Max.
Unit
1
2
3
4
5
6
7
8
9
10
11
12
VDD current
consumption
VCC current
consumption
Input – output gain
Invert amplifier
gain
Invert amplifier
slew rate
Invert amplifier
output band width
Output delay
deviation for
inverse/non-
inverse
SID output gain
SID block output
slew rate
VCOM adjustable
range
First stage
SH_OUT
slew rate
SH_OUT
slew rate
IDD
ICC
ASHOUT
AINV
SRINV
BWINV
TDIFF
ASID
SRSID
VCOM
SRSH1
SROUT
IDD = IVDD
ICC = IVCC1 + IVCC2
ASHOUT = VSHOUT (AC)/VIN
AINV = VINV (AC)/VIN
Input a square wave from VIN
so that the VINV output
amplitude is 3.0Vp-p.
Measure the slew rate at 10 to
90% of output waveform rise
or fall. (for inverse or non-
inverse)
Input 2.5V DC, 100mVp-p AC
from Pin 47 (VIDEO_IN) and
measure VINV. The frequency
that is –3dB to 100kHz. (for
inverse or non-inverse)
Invert amplifier delay time
difference for inverse and non-
inverse.
ASID = VSID (AC)/VSID_IN
Input an invert pulse to Pin 44
(FRP), load capacitance C7 =
47pF, and apply DC input
voltage to VSID_IN so that VSID
is 2.5V/11.5V.
Measure the slew rate at 10 to
90% of output waveform rise
or fall.
VCOM output voltage when
Pin 34 (VCOMOFF) is varied
from 0 to 10V.
First stage sample-and-hold
slew rate on Block Diagram.
Input a square wave from VIN
so that the VOUT1 to VOUT6
output amplitude is 3.5Vp-p.
Measure the slew rate at 10 to
90% of output waveform rise
or fall. (load 270pF, for inverse
or non-inverse)
20
30
30
Vsig – 2
28
45
3
2
700
90
2
4
50
700
150
42
65
4
4.4
Vsig
mA
mA
times
times
V/µs
MHz
ns
times
V/µs
V
V/µs
V/µs
Measurement
points
IVDD
IVCC1
IVCC2
VSHOUT
VIN
VINV
VIN
VINV
VINV
VINV
VSID
VSID_IN
VSID
VCOM
VOUT1 to
VOUT6


Similar Part No. - CXA3512R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3516 SONY-CXA3516 Datasheet
1Mb / 110P
   3-channel 8-bit 165MSPS A/D Converter Amplifier PLL
CXA3516R SONY-CXA3516R Datasheet
1Mb / 110P
   3-channel 8-bit 165MSPS A/D Converter Amplifier PLL
More results

Similar Description - CXA3512R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
logo
Sony Corporation
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com