Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0217015.MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0217015.MXP
Description  217 Series, 5 x 20 mm, Fast-acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0217015.MXP Datasheet(HTML) 2 Page - Littelfuse

  0217015.MXP Datasheet HTML 1Page - Littelfuse 0217015.MXP Datasheet HTML 2Page - Littelfuse 0217015.MXP Datasheet HTML 3Page - Littelfuse 0217015.MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
266
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
217 Series
5×20 mm > Fast-Acting > 217 Series
Please refer to www.littelfuse.com/series/217.html for current information.
Electrical Characteristic Specifications by Item
Average Time Current Curves
CURRENT IN AMPERES
10000
1000
100
10
1
0.1
0.01
0.01
0.1
110
100
100
0.001
Temperature Rerating Curve
Amp
Code
Amp
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A sec)
Nominal
Voltage
Drop at
Rated
Current
(mV)
Nominal
Power
Dissipation
At Rated
Current
(W)
Agency Approvals
PS
E
.032
0.032
262.2000
0.00006
10000
1.6
1.6
7000
1.6
.063
0.063
1.6
1.6
.100
0.1
1.6
2000
1.6
.160
0.16
0.01000
2000
1.6
.200
0.2
1.7000
0.02000
1700
1.6
1.6
0.11000
1300
1.6
0.2770
1200
1.6
1000
1.6
.630
0.63
1.6
0.1203
1.6
001.
1
200
1.6
0.0701
2.23000
200
1.6
01.6
1.6
1.6
002.
2
170
1.6
170
1.6
17.72000
130
0.0137
130
06.3
6.3
130
130
010.
10
0.0063
130
130


Similar Part No. - 0217015.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0217002P LITTELFUSE-0217002P Datasheet
260Kb / 4P
   FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 0217015.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com