Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0217015.MXP Datasheet(PDF) 4 Page - Littelfuse

Part # 0217015.MXP
Description  217 Series, 5 x 20 mm, Fast-acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0217015.MXP Datasheet(HTML) 4 Page - Littelfuse

  0217015.MXP Datasheet HTML 1Page - Littelfuse 0217015.MXP Datasheet HTML 2Page - Littelfuse 0217015.MXP Datasheet HTML 3Page - Littelfuse 0217015.MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
268
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
217 Series
5×20 mm > Fast-Acting > 217 Series
Please refer to www.littelfuse.com/series/217.html for current information.
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
1000
1000
1000
0217 000P
0217.315 XEP
0217.032 XEP
to
ø6.5
40
20+0.5
22.5 MAX
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0217015 XEP
0217.400 XEP
to
40
22.5 MAX
5.8 MAX
All dimensions in mm
ø0.65*
Part Numbering System
0217
M X E P
xxxx
Lead-free
Series
Packaging Code
X = Filler
Option Codes
Blank = Cartridge Type Fuse
E
= Axial Leaded Fuse
Quantity Code
M = 1000
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0217015.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0217002P LITTELFUSE-0217002P Datasheet
260Kb / 4P
   FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 0217015.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com