Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSCC03029 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DSCC03029
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSCC03029 Datasheet(HTML) 3 Page - Vishay Siliconix

  DSCC03029_12 Datasheet HTML 1Page - Vishay Siliconix DSCC03029_12 Datasheet HTML 2Page - Vishay Siliconix DSCC03029_12 Datasheet HTML 3Page - Vishay Siliconix DSCC03029_12 Datasheet HTML 4Page - Vishay Siliconix DSCC03029_12 Datasheet HTML 5Page - Vishay Siliconix DSCC03029_12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DSCC 03029
www.vishay.com
Vishay Vitramon
Revision: 28-Feb-12
3
Document Number: 45042
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART
DIELECTRIC
BP
BR
BX
STYLE
03029
CASE CODE
0402
VOLTAGE (VDC)
6.3
10
16
25
50
100
6.3
10
16
25
50
6.3
10
16
25
50
VOLTAGE CODE
W
X
Y
Z
A
B
W
X
Y
Z
A
W
X
Y
Z
A
CAP. CODE
CAP.
0R5
0.5 pF
•••••
R75
0.75 pF
•••••
1R0
1.0 pF
•••••
1R2
1.2 pF
•••••
1R5
1.5 pF
•••••
1R8
1.8 pF
•••••
2R2
2.2 pF
•••••
2R4
2.4 pF
•••••
2R7
2.7 pF
•••••
3R0
3.0 pF
•••••
3R3
3.3 pF
•••••
3R6
3.6 pF
•••••
3R9
3.9 pF
•••••
4R7
4.7 pF
•••••
5R1
5.1 pF
•••••
5R6
5.6 pF
•••••
6R2
6.2 pF
•••••
6R8
6.8 pF
•••••
7R5
7.5 pF
•••••
8R2
8.2 pF
•••••
9R1
9.1 pF
•••••
100
10 pF
•••••
110
11 pF
•••••
120
12 pF
•••••
130
13 pF
•••••
150
15 pF
•••••
160
16 pF
•••••
180
18 pF
•••••
200
20 pF
•••••
220
22 pF
•••••
240
24 pF
•••••
270
27 pF
•••••
300
30 pF
•••••
330
33 pF
•••••
360
36 pF
•••••
390
39 pF
•••••
430
43 pF
•••••
470
47 pF
•••••
510
51 pF
•••••
560
56 pF
•••••
620
62 pF
•••••
680
68 pF
•••••
750
75 pF
•••••
820
82 pF
•••••
910
91 pF
•••••


Similar Part No. - DSCC03029_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03029 VISHAY-DSCC03029_17 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 11-Jan-17
More results

Similar Description - DSCC03029_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03029 VISHAY-DSCC03029_17 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 11-Jan-17
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com