Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA17A Datasheet(PDF) 2 Page - Protek Devices

Part # 15KPA17A
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA17A Datasheet(HTML) 2 Page - Protek Devices

  15KPA17A_12 Datasheet HTML 1Page - Protek Devices 15KPA17A_12 Datasheet HTML 2Page - Protek Devices 15KPA17A_12 Datasheet HTML 3Page - Protek Devices 15KPA17A_12 Datasheet HTML 4Page - Protek Devices 15KPA17A_12 Datasheet HTML 5Page - Protek Devices 15KPA17A_12 Datasheet HTML 6Page - Protek Devices 15KPA17A_12 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05024.R18 9/12
Page 2
15KPA17A - 15KPA280A
tyPicAl Device chARActeRistics
mAXimum RAtinGs @ 25°c unless otherwise specified
PARAmeteR
symBol
vAlue
units
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
15,000
Watts
Forward Surge Rating - 1/120 seconds - See Note 2
I
F
200
Amps
Steady State Power Dissipation
P
P
8.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
electRicAl chARActeRistics PeR line @ 25°c unless otherwise specified
PARt
numBeR
(notes 1 - 2)
RAteD
stAnD-oFF
voltAGe
v
Wm
volts
BReAKDoWn
voltAGe
mAXimum
leAKAGe
cuRRent
@v
Wm
i
D
µA
mAXimum
clAmPinG
voltAGe
(Fig. 2)
@ 10/1000µs
v
c @ iPP
temPeRAtuRe
coeFFicient
oF v
(BR)
qv
(BR)
mv/°c
min
v
(BR)
volts
@i
t
mA
15KPA17
17.0
18.9
50
5000
32.3V @ 464.0A
19
15KPA17A
17.0
18.9
50
5000
29.3V @ 512.0A
17
15KPA18
18.0
20.0
50
5000
34.2V @ 439.0A
20
15KPA18A
18.0
20.0
50
5000
30.9V @ 485.0A
18
15KPA20
20.0
22.2
20
1500
37.9V @ 396.0A
24
15KPA20A
20.0
22.2
20
1500
34.3V @ 437.0A
21
15KPA22
22.0
24.4
10
500
41.1V @ 365.0A
27
15KPA22A
22.0
24.4
10
500
37.1V @ 404.0A
24
15KPA24
24.0
26.7
5
150
45.0V @ 333.0A
30
15KPA24A
24.0
26.7
5
150
40.7V @ 369.0A
27
15KPA26
26.0
28.9
5
50
48.7V @ 308.0A
32
15KPA26A
26.0
28.9
5
50
44.0V @ 341.0A
29
15KPA28
28.0
31.1
5
25
52.4V @ 286.0A
35
15KPA28A
28.0
31.1
5
25
47.5V @ 316.0A
31
15KPA30
30.0
33.3
5
15
56.2V @ 267.0A
27
15KPA30A
30.0
33.3
5
15
50.7V @ 296.0A
34
15KPA33
33.0
36.7
5
10
60.6V @ 248.0A
42
15KPA33A
33.0
36.7
5
10
54.8V @ 274.0A
38
15KPA36
36.0
40.0
5
10
66.0V @ 227.0A
46
15KPA36A
36.0
40.0
5
10
59.7V @ 251.0A
41
15KPA40
40.0
44.4
5
10
72.8V @ 206.0A
51
15KPA40A
40.0
44.4
5
10
65.8V @ 228.0A
46
15KPA43
43.0
47.8
5
10
77.1V @ 195.0A
55
15KPA43A
43.0
47.8
5
10
69.7V @ 215.0A
50
15KPA45
45.0
50.0
5
10
80.7V @ 186.0A
57
15KPA45A
45.0
50.0
5
10
73.0V @ 205.0A
52


Similar Part No. - 15KPA17A_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
logo
MDE Semiconductor, Inc.
15KPA17A MDE-15KPA17A_13 Datasheet
82Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA17A_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com