Electronic Components Datasheet Search |
|
0219.315MXAEP Datasheet(PDF) 1 Page - Littelfuse |
|
0219.315MXAEP Datasheet(HTML) 1 Page - Littelfuse |
1 / 4 page Axial Lead & Cartridge Fuses 277 © 2009 Littelfuse, Inc. Specifications are subject to change without notice. 219XA Series 5×20 mm > Time-Lag > 219XA Series Please refer to www.littelfuse.com/series/219XA.html for current information. Agency Approvals Features Electrical Characteristics for Series % of Ampere Rating Ampere Rating Opening Time 150% 40mA – 100mA 1 hours, Minimum 125mA – 6.3A 1 hours, Minimum 210% 40mA – 100mA 2 minutes, Maximum 125mA – 6.3A 2 minutes, Maximum 275% 40mA – 100mA 0.2 sec., Min; 10 sec. Max 125mA – 6.3A 0.6 sec., Min; 10 sec. Max 400% 40mA – 100mA 0.04 sec., Min; 3 sec. Max 125mA – 6.3A .15 sec., Min; 3 sec. Max 1000% 40mA – 100mA .01 sec., Min; 0.3 sec. Max 125mA – 6.3A .02 sec., Min; 0.3 sec. Max Applications Agency Agency File Number Ampere Range Cartridge Certifications: NBK220604-E10480A NBK230604-E10480A Leaded Certifications: NBK220604-E10480B NBK230604-E10480B 1A – 5A 6.3A 1A – 5A 6.3A Certifications: 2004010207110266 2003010207079982 125mA – 800mA 1A – 6.3A Recognised File: E10480 Guide: JDYX2 40mA – 6.3A File and Acc. Class: 029862_0_000 125mA – 6.3A File: 604904/604924 402708 310144 40mA – 100mA 125mA – 800mA 1A – 6.3A License: 40016080 125mA – 6.3A 40mA – 6.3A International (IEC ) Standards for use globally 60127-2, Sheet 6 specification for time- Lag fuses and axial lead form lead-free 5x20mm time-Lag glass body cartridge fuse designed to IEC specification Used as supplementary protection in appliance or components or internal circuits. 219XA Series, 5x20mm, Time-Lag (Slo-Blo®) Fuse Description Revised: February 3, 2012 |
Similar Part No. - 0219.315MXAEP |
|
Similar Description - 0219.315MXAEP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |