Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HCT139AP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HCT139AP
Description  Dual 2-to-4 Line Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT139AP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HCT139AP_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT139AP_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT139AP_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT139AP_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT139AP_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT139AP_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT139AP_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74HCT139AP/AF
2012-02-29
4
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
4.5
5.5
8
7
15
14
19
17
ns
Propagation delay
time
(A, B- Y)
tpLH
tpHL
4.5
5.5
19
16
30
27
38
35
ns
Propagation delay
time
( G - Y)
tpLH
tpHL
4.5
5.5
17
14
27
25
34
31
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
40
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per decoder)


Similar Part No. - TC74HCT139AP_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT139AP TOSHIBA-TC74HCT139AP_07 Datasheet
283Kb / 8P
   Dual 2-to-4 Line Decoder
More results

Similar Description - TC74HCT139AP_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
TC74ACT139F TOSHIBA-TC74ACT139F_12 Datasheet
232Kb / 8P
   Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_12 Datasheet
230Kb / 8P
   Dual 2-to-4 Line Decoder
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
   Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74VHCT139AF TOSHIBA-TC74VHCT139AF_07 Datasheet
258Kb / 9P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com