Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA30A Datasheet(PDF) 6 Page - Protek Devices

Part # 15KPA30A
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA30A Datasheet(HTML) 6 Page - Protek Devices

  15KPA30A Datasheet HTML 1Page - Protek Devices 15KPA30A Datasheet HTML 2Page - Protek Devices 15KPA30A Datasheet HTML 3Page - Protek Devices 15KPA30A Datasheet HTML 4Page - Protek Devices 15KPA30A Datasheet HTML 5Page - Protek Devices 15KPA30A Datasheet HTML 6Page - Protek Devices 15KPA30A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05024.R18 9/12
Page 6
15KPA17A - 15KPA280A
AXiAl leAD PAcKAGe inFoRmAtion
oRDeRinG inFoRmAtion
BAse PARt numBeR
(xx = voltage)
leADFRee suFFiX
tAPe suFFiX
Qty/Reel
Reel siZe
tuBe Qty
15KPAxx
-LF
n/a
n/a
n/a
n/a
15KPAxxA
-LF
n/a
n/a
n/a
n/a
15KPAxxCA
-LF
n/a
n/a
n/a
n/a
notes
1. Marking on Part - logo, part number, date code and positive terminal marked with
band(unidirectional only).
mARKinG DiAGRAm
Package outline per document number 06028.R2 9/09.
outline Dimensions
Dim
millimeteRs
inches
min
mAX
min
mAX
A
24.5
-
1.00
-
B
8.60
9.10
0.34
0.36
C
24.5
-
1.00
-
D
1.20 DIA.
1.30 DIA.
0.048 DIA.
0.052 DIA.
E
8.60
9.10
0.34
0.36
notes
1. Dimensions are exclusive of mold flash and metal burrs.
E
A
B
C
D


Similar Part No. - 15KPA30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA30A PROTEC-15KPA30A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
15KPA30A SOCAY-15KPA30A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Leshan Radio Company
15KPA30A LRC-15KPA30A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
15KPA30A SPSEMI-15KPA30A Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
Weitron Technology
15KPA30A WEITRON-15KPA30A Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com