Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3572R Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA3572R
Description  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572R Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA3572R Datasheet HTML 7Page - Sony Corporation CXA3572R Datasheet HTML 8Page - Sony Corporation CXA3572R Datasheet HTML 9Page - Sony Corporation CXA3572R Datasheet HTML 10Page - Sony Corporation CXA3572R Datasheet HTML 11Page - Sony Corporation CXA3572R Datasheet HTML 12Page - Sony Corporation CXA3572R Datasheet HTML 13Page - Sony Corporation CXA3572R Datasheet HTML 14Page - Sony Corporation CXA3572R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
– 11 –
CXA3572R
Electrical Characteristics — DC Characteristics
Analog Block
(Ta = 25°C, VCC1 = VDD = 3.0V, VCC2 = 12.0V, see page 10 for the DAC)
Item
Current consumption 1
(Y/color difference input)
Current consumption 2
(Y/color difference input)
Current consumption 1
(RGB input)
Current consumption 2
(RGB input)
Current consumption 1
(PS0 = 0)
Current consumption 2
(PS0 = 0)
Current consumption 1
(SYNC GEN = 0)
Current consumption 2
(SYNC GEN = 0)
B DC DET pin voltage
R DC DET pin voltage
G DC DET pin voltage
PSIG DC DET pin voltage
SIG.C pin voltage
G/Y pin voltage
R/R-Y pin voltage 1
R/R-Y pin voltage 2
B/B-Y pin voltage 1
B/B-Y pin voltage 2
SYNC IN pin voltage
REF pin voltage
(power saving mode)
FILTER pin voltage
OSD R, G, B input voltage
SIG. C input voltage
I1
I2
IRGB1
IRGB2
IPS01
IPS02
ISG1
ISG2
V7
V9
V11
V15
V16
V22
V23
V23
V24
V24
V25
V27
V28
VSIG.C
Symbol
Measurement conditions
Measure the inflow current
to Pin 21.
Measure the inflow current
to Pin 13.
Measure the inflow current
to Pin 21.
Measure the inflow current
to Pin 13.
Measure the inflow current
to Pin 21.
Measure the inflow current
to Pin 13.
Measure the inflow current
to Pin 21.
Measure the inflow current
to Pin 13.
During Y/color difference
input
During RGB input
During Y/color difference
input
During RGB input
During no input
Min.
Typ.
Max.
Unit
34
3.4
28
3.4
7
0.3
14
0.3
3.0
3.0
3.0
3.0
6.0
1.8
2.0
1.8
2.0
1.8
1.1
0.2
1.2
50
10
42
10
11
1.0
27
1.0
VCC1
6.5
16
1.0
12
1.0
GND
5.0
mA
V


Similar Part No. - CXA3572R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Similar Description - CXA3572R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com