Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3H90 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SB3H90
Description  High Voltage Schottky Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SB3H90 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SB3H90 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SB3H90 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90V-100V
3.0A
SB3H90 THRU SB3H100
1 of 2
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
High Voltage Schottky Rectifiers
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
Dimensions in inches and (millimeters)
DO-201AD
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Low power loss, high efficiency
• For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
• Guardring for overvoltage protection
• High temperature soldering guaranteed:
250°C/10 seconds at terminals
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 oz., 1.12g
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
SB3H90
SB3H100
Unit
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum working reverse voltage
VRWM
90
90
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TL = 90°C
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
100
A
rated load (JEDEC Method)
Peak repetitive reverse surge current at tp = 2.0
µs, 1KHZ
IRRM
1.0
A
Critical rate of rise of reverse voltage
dv/dt
10,000
V/
µs
Maximum thermal resistance(2)
R
θJA
30
R
θJL
10
°C/W
Storage temperature range
TSTG
–55 to +175
°C
Maximum operating junction temperature
TJ
+175
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Maximum instantaneous
IF = 3.0A, TJ = 25°C
0.80
forward voltage at: (1)
IF = 3.0A, TJ = 125°C
VF
0.65
V
Maximum DC reverse current
TJ = 25°C
20
µA
at rated DC blocking voltage
TJ = 125°C
IR
4mA
Notes:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas


Similar Part No. - SB3H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB3H90 VISHAY-SB3H90 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB3H90 VISHAY-SB3H90 Datasheet
77Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 19-Aug-11
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

Similar Description - SB3H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
logo
Shenzhen Taychipst Elec...
SB2H90 TAYCHIPST-SB2H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
SB5H90 TAYCHIPST-SB5H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
MBRB10H100 VISHAY-MBRB10H100 Datasheet
114Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
SB2H100 VISHAY-SB2H100 Datasheet
31Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
SS10PH10 VISHAY-SS10PH10_15 Datasheet
96Kb / 6P
   High Voltage Schottky Rectifiers
Revision: 06-Nov-13
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com