Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF50HG Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SF50HG
Description  SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SF50HG Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SF50HG Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SF50HG Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
SUPER-FAST GLASS PASSIVATED RECTIFIER
100V-600V
5.0A
SF50BG THRU SF50JG
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
50
100
150
200
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
20
60
80
100
120
2.0
0
40
1.0
3.0
140
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
4.0
5.0
6.0
160
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.2
0.4
1.2
1.4
0.1
1.0
10.0
0.6
0.8
1.0
0.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
2.0
SF50BG~SF50DG
SF50HG~SF50JG
SF50FHG~SF50GG
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1
SF50BG~SF50GG
SF50HG~SF50JG
4
TJ = 25 C, f= 1MHz


Similar Part No. - SF50HG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SF50HG LITEON-SF50HG Datasheet
36Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF50HG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF161CTD SEMTECH_ELEC-SF161CTD Datasheet
397Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
SF81R SEMTECH_ELEC-SF81R Datasheet
380Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020 JINGHENG-MURF1020 Datasheet
55Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020CT JINGHENG-MURF1020CT Datasheet
61Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com