Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6P47NU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # SSM6P47NU
Description  Power Management Switch Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P47NU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  SSM6P47NU Datasheet HTML 1Page - Toshiba Semiconductor SSM6P47NU Datasheet HTML 2Page - Toshiba Semiconductor SSM6P47NU Datasheet HTML 3Page - Toshiba Semiconductor SSM6P47NU Datasheet HTML 4Page - Toshiba Semiconductor SSM6P47NU Datasheet HTML 5Page - Toshiba Semiconductor SSM6P47NU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SSM6P47NU
2011-03-10
5
Rth tw
0.001
0.01
0.1
1
10
100
1000
1
10
100
1000
Pulse width t
w
(s)
Single pulse
a.
Mounted on F4 board
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 645 mm2)
b.
Mounted on F4 board
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 2.13 mm2)
a
b
Ambient temperature Ta (°C)
PD – Ta
1000
0
200
120
100
140
400
800
160
80
60
40
20
0
-20
-40
a
600
b
1200
1400
a: Mounted on FR4 board
(25.4mm
× 25.4mm × 1.6mm , Cu Pad : 645 mm2)
b: Mounted on FR4 board
(25.4mm
× 25.4mm × 1.6mm , Cu Pad : 2.13mm2 )


Similar Part No. - SSM6P47NU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P47NU TOSHIBA-SSM6P47NU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM6P47NU TOSHIBA-SSM6P47NU_14 Datasheet
205Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOS VI)
More results

Similar Description - SSM6P47NU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
   Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
   Power Management Switch Applications
logo
Zhaoxingwei Electronics...
CSD25310Q2 ZHAOXINGWEI-CSD25310Q2 Datasheet
288Kb / 5P
   Power Management Switch Applications
logo
Toshiba Semiconductor
SSM3J306T TOSHIBA-SSM3J306T Datasheet
168Kb / 6P
   Power management switch Applications
SSM3K104TU TOSHIBA-SSM3K104TU Datasheet
144Kb / 5P
   Power Management Switch Applications
SSM3K302T TOSHIBA-SSM3K302T Datasheet
170Kb / 6P
   Power Management Switch Applications
SSM6L14FE TOSHIBA-SSM6L14FE Datasheet
240Kb / 9P
   Power Management Switch Applications
SSM6L39TU TOSHIBA-SSM6L39TU Datasheet
266Kb / 9P
   Power Management Switch Applications
SSM6L40TU TOSHIBA-SSM6L40TU Datasheet
265Kb / 9P
   Power Management Switch Applications
SSM6P39TU TOSHIBA-SSM6P39TU Datasheet
210Kb / 7P
   Power Management Switch Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com