Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM8Q-100 Datasheet(PDF) 5 Page - Protek Devices

Part # EM8Q-100
Description  LCD EMI FILTER/TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM8Q-100 Datasheet(HTML) 5 Page - Protek Devices

  EM8Q-100_12 Datasheet HTML 1Page - Protek Devices EM8Q-100_12 Datasheet HTML 2Page - Protek Devices EM8Q-100_12 Datasheet HTML 3Page - Protek Devices EM8Q-100_12 Datasheet HTML 4Page - Protek Devices EM8Q-100_12 Datasheet HTML 5Page - Protek Devices EM8Q-100_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05217.R6 9/12
Page 5
EM8Q-100
taPE anD REEL
oRDERing infoRMation
BasE PaRt nuMBER
LEaDfREE suffiX
taPE suffiX
Qty/REEL
REEL sizE
tuBE Qty
EM8Q-100
-LF
-T73
3,000
7”
n/a
EM8Q-100
-LF
-T13
10,000
7”
n/a
This device is only available in a Lead-Free configuration.
sPECifiCations
REEL Dia.
taPE
WiDth
a0
B0
k0
D
E
f
W
P0
P2
P
tmax
178mm (7”)
12mm 3.30 ± 0.10 3.30 ± 0.10 1.00 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 5.50 ± 0.10 12.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 8.00 ± 0.10
0.25
notEs
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T73 = 7” Reel - 3,000 pieces per 12mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 12mm tape.
5. Marking on Part - logo, part number and pin one defined by dot on package.
Package outline, pad layout and tape specifications per document number 06054.R3 3/11.
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
Pin 1


Similar Part No. - EM8Q-100_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM8Q-100 PROTEC-EM8Q-100_11 Datasheet
548Kb / 6P
   LCD emi filter/tvs array
More results

Similar Description - EM8Q-100_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM8Q200 PROTEC-EM8Q200 Datasheet
110Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM10Q100 PROTEC-EM10Q100 Datasheet
98Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM8Q-100 PROTEC-EM8Q-100_11 Datasheet
548Kb / 6P
   LCD emi filter/tvs array
EM8Q-200 PROTEC-EM8Q-200 Datasheet
79Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM10Q200 PROTEC-EM10Q200 Datasheet
105Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM8Q100 PROTEC-EM8Q100 Datasheet
108Kb / 4P
   LCD - EMI FILTER/TVS ARRAY
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com