Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S207RBT3TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8S207RBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207RBT3TR Datasheet(HTML) 1 Page - STMicroelectronics

  STM8S207RBT3TR Datasheet HTML 1Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 2Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 3Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 4Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 5Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 6Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 7Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 8Page - STMicroelectronics STM8S207RBT3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
February 2012
Doc ID 14733 Rev 12
1/103
1
STM8S207xx
STM8S208xx
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash,
integrated EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
Features
Core
–Max fCPU: up to 24 MHz, 0 wait states @
fCPU
16 MHz
– Advanced STM8 core with Harvard
architecture and 3-stage pipeline
– Extended instruction set
– Max 20 MIPS @ 24 MHz
Memories
– Program: up to 128 Kbytes Flash; data
retention 20 years at 55 °C after 10 kcycles
– Data: up to 2 Kbytes true data EEPROM;
endurance 300 kcycles
– RAM: up to 6 Kbytes
Clock, reset and supply management
– 2.95 to 5.5 V operating voltage
– Low power crystal resonator oscillator
– External clock input
– Internal, user-trimmable 16 MHz RC
– Internal low power 128 kHz RC
– Clock security system with clock monitor
– Wait, active-halt, & halt low power modes
– Peripheral clocks switched off individually
– Permanently active, low consumption
power-on and power-down reset
Interrupt management
– Nested interrupt controller with 32
interrupts
– Up to 37 external interrupts on 6 vectors
Timers
– 2x 16-bit general purpose timers, with 2+3
CAPCOM channels (IC, OC or PWM)
– Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-
time insertion and flexible synchronization
– 8-bit basic timer with 8-bit prescaler
– Auto wakeup timer
– Window watchdog, independent watchdog
Communications interfaces
– High speed 1 Mbit/s active beCAN 2.0B
– UART with clock output for synchronous
operation - LIN master mode
– UART with LIN 2.1 compliant, master/slave
modes and automatic resynchronization
– SPI interface up to 10 Mbit/s
–I2C interface up to 400 Kbit/s
10-bit ADC with up to 16 channels
I/Os
– Up to 68 I/Os on an 80-pin package
including 18 high sink outputs
– Highly robust I/O design, immune against
current injection
– Development support
– Single wire interface module (SWIM) and
debug module (DM)
96-bit unique ID key for each device
Table 1.
Device summary
Part numbers: STM8S207xx
STM8S207MB, STM8S207M8, STM8S207RB,
STM8S207R8, STM8S207R6, STM8S207CB,
STM8S207C8, STM8S207C6, STM8S207SB,
STM8S207S8, STM8S207S6, STM8S207K8
STM8S207K6
Part numbers: STM8S208xx
STM8S208MB, STM8S208M8, STM8S208RB,
STM8S208R8, STM8S208R6, STM8S208CB,
STM8S208C8, STM8S208C6, STM8S208SB,
STM8S208S8, STM8S208S6
LQFP80 14x14
LQFP64 10x10
LQFP32 7x7
LQFP44 10x10
LQFP64 14x14
LQFP48 7x7
www.st.com


Similar Part No. - STM8S207RBT3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S207RBT3TR STMICROELECTRONICS-STM8S207RBT3TR Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I짼C, CAN
More results

Similar Description - STM8S207RBT3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S003K3 STMICROELECTRONICS-STM8S003K3 Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
STM8S103K3 STMICROELECTRONICS-STM8S103K3 Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
STM8S207MB STMICROELECTRONICS-STM8S207MB_10 Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I짼C, CAN
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
   Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
STM8L051F3P6 STMICROELECTRONICS-STM8L051F3P6 Datasheet
346Kb / 46P
   Value line, 8-bit ultralow power MCU, 8-KB Flash
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM32F103X8 STMICROELECTRONICS-STM32F103X8_13 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com