Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX125F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LCX125F
Description  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX125F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX125F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LCX125F/FT/FK
2012-02-29
5
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
± 0.15
20.0
2.5
± 0.2
7.5
2.7
6.5
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
6.0
ns
1.8
± 0.15
30.0
2.5
± 0.2
15.0
2.7
8.0
Output enable time
tpZL
tPZH
Figure 1, Figure 3
3.3
± 0.3
1.5
7.0
ns
1.8
± 0.15
28.0
2.5
± 0.2
14.0
2.7
7.0
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
1.5
6.0
ns
2.7
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum dynamic VOL
|VOLV| VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
3.3
7
pF
Output capacitance
COUT
3.3
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
3.3
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)


Similar Part No. - TC74LCX125F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX125FK TOSHIBA-TC74LCX125FK Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125FN TOSHIBA-TC74LCX125FN Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX125FN TOSHIBA-TC74LCX125FN Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125FT TOSHIBA-TC74LCX125FT Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX125FT TOSHIBA-TC74LCX125FT Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX125F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125F TOSHIBA-TC74LCX125F_07 Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2125FT TOSHIBA-TC74VCX2125FT Datasheet
244Kb / 10P
   Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com