Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA5J15A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMA5J15A
Description  High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMA5J15A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMA5J15A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMA5J15A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMA5J15A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
5.0V-40V
500W
SMA5J5.0A THRU SMA5J40A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMA5J5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 25 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (V)(1)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
SMA5J5.0A (5)
5AE
5AE
6.40
7.07
10
5.0
800
54.3
9.2
SMA5J6.0A
5AG
5AG
6.67
7.37
10
6.0
800
48.5
10.3
SMA5J6.5A
5AK
5AK
7.22
7.98
10
6.5
500
44.6
11.2
SMA5J7.0A
5AM
5AM
7.78
8.60
10
7.0
200
41.7
12.0
SMA5J7.5A
5AP
5AP
8.33
9.21
1.0
7.5
100
38.8
12.9
SMA5J8.0A
5AR
5AR
8.89
9.83
1.0
8.0
50
36.8
13.6
SMA5J8.5A
5AT
5AT
9.44
10.4
1.0
8.5
10
34.7
14.4
SMA5J9.0A
5AV
5AV
10.0
11.1
1.0
9.0
5.0
32.5
15.4
SMA5J10A
5AX
5AX
11.1
12.3
1.0
10
1.0
29.4
17.0
SMA5J11A
5AZ
5AZ
12.2
13.5
1.0
11
1.0
27.5
18.2
SMA5J12A
5BE
5BE
13.3
14.7
1.0
12
1.0
25.1
19.9
SMA5J13A
5BG
5BG
14.4
15.9
1.0
13
1.0
23.3
21.5
SMA5J14A
5BK
5BK
15.6
17.2
1.0
14
1.0
21.6
23.2
SMA5J15A
5BM
5BM
16.7
18.5
1.0
15
1.0
20.5
24.4
SMA5J16A
5BP
5BP
17.8
19.7
1.0
16
1.0
19.2
26.0
SMA5J17A
5BR
5BR
18.9
20.9
1.0
17
1.0
18.1
27.6
SMA5J18A
5BT
5BT
20.0
22.1
1.0
18
1.0
17.1
29.2
SMA5J20A
5BV
5BV
22.2
24.5
1.0
20
1.0
15.4
32.4
SMA5J22A
5BX
5BX
24.4
26.9
1.0
22
1.0
14.1
35.5
SMA5J24A
5BZ
5BZ
26.7
29.5
1.0
24
1.0
12.9
38.9
SMA5J26A
5CE
5CE
28.9
31.9
1.0
26
1.0
11.9
42.1
SMA5J28A
5CG
5CG
31.1
34.4
1.0
28
1.0
11.0
45.4
SMA5J30A
5CK
5CK
33.3
36.8
1.0
30
1.0
10.3
48.4
SMA5J33A
5CM
5CM
36.7
40.6
1.0
33
1.0
9.4
53.3
SMA5J36A
5CP
5CP
40.0
44.2
1.0
36
1.0
8.6
58.1
SMA5J40A
5CR
5CR
44.4
49.1
1.0
40
1.0
7.8
64.5
High Power Density Surface Mount TRANSZORB®
Transient Voltage Suppressors


Similar Part No. - SMA5J15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA5J15A VISHAY-SMA5J15A Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMA5J15A VISHAY-SMA5J15A Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
SUNMATE electronic Co.,...
SMA5J15A SUNMATE-SMA5J15A Datasheet
599Kb / 4P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMA5J15A SUNMATE-SMA5J15A Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Vishay Siliconix
SMA5J15A VISHAY-SMA5J15A Datasheet
96Kb / 5P
   High Power Density Surface-Mount TRANSZORB짰
01-Jan-2022
More results

Similar Description - SMA5J15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB10J40A VISHAY-SMB10J40A Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com