Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET108 Datasheet(PDF) 2 Page - Protek Devices

Part # ET108
Description  LOW CAPACITANCE STEERING DIODE ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ET108 Datasheet(HTML) 2 Page - Protek Devices

  ET108_12 Datasheet HTML 1Page - Protek Devices ET108_12 Datasheet HTML 2Page - Protek Devices ET108_12 Datasheet HTML 3Page - Protek Devices ET108_12 Datasheet HTML 4Page - Protek Devices ET108_12 Datasheet HTML 5Page - Protek Devices ET108_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05151.R7 9/12
Page 2
ET108
TyPical dEvicE chaRacTERisTics
MaXiMuM RaTings @ 25°c unless otherwise specified
PaRaMETER
syMBol
valuE
uniTs
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Continuous Power Dissipation
P
PC
730
mW
ElEcTRical chaRacTERisTics PER linE @ 25°c unless otherwise specified
PaRT
nuMBER
dEvicE
MaRking
REPETiTivE
PEak
REvERsE
volTagE
v
RRM
volTs
MaXiMuM
FoRwaRd
volTagE
8/20µs
@ 50ma
v
F
volTs
MaXiMuM
PEak PulsE
FoRwaRd
cuRREnT
(Fig. 1)
@ 8/20µs
i
FM
aMPs
MaXiMuM
FoRwaRd
volTagE
8/20µs
@ 12a
v
F
volTs
MaXiMuM
REvERsE
lEakagE
cuRREnT
v
RRM
i
R
µa
TyPical
caPaciTancE
(note 1)
c
j
pF
ET108
ET108
25
1.2
12
9
2
6
noTE
1. Apply a 5V bias between pin 5 (REF 2) to pin 7 (REF 1). Measure C
j between any I/O pins to pin 7 (REF 1) and divide by 2.


Similar Part No. - ET108_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET108 PROTEC-ET108_10 Datasheet
462Kb / 6P
   low capacitance steering diode array
More results

Similar Description - ET108_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET108 PROTEC-ET108_10 Datasheet
462Kb / 6P
   low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
   ultra low capacitance steering diode array
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
SR70 PROTEC-SR70_12 Datasheet
422Kb / 5P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com