Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LVX174FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LVX174FT
Description  Hex D-Type Flip-Flop with Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX174FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LVX174FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX174FT_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74LVX174F/FT
2012-02-29
5
Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns, CL = 50 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
3.3
0.3
0.5
V
Quiet output minimum dynamic VOL
VOLV
3.3
0.3
0.5
V
Minimum high level dynamic input
voltage VIH
VIHD
3.3
2.0
V
Maximum low level dynamic input
voltage VIL
VILD
3.3
0.8
V
Input Equivalent Circuit
INPUT


Similar Part No. - TC74LVX174FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX174FT TOSHIBA-TC74LVX174FT Datasheet
276Kb / 8P
   HEX D-TYPE FLIP FLOP WITH CLEAR
TC74LVX174FT TOSHIBA-TC74LVX174FT Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
More results

Similar Description - TC74LVX174FT_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com