Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBLC08CI Datasheet(PDF) 1 Page - Protek Devices

Part # GBLC08CI
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC08CI Datasheet(HTML) 1 Page - Protek Devices

  GBLC08CI Datasheet HTML 1Page - Protek Devices GBLC08CI Datasheet HTML 2Page - Protek Devices GBLC08CI Datasheet HTML 3Page - Protek Devices GBLC08CI Datasheet HTML 4Page - Protek Devices GBLC08CI Datasheet HTML 5Page - Protek Devices GBLC08CI Datasheet HTML 6Page - Protek Devices GBLC08CI Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05242.R6 9/12
Page 1
GBLC03I - GBLC24CI
uLtRa LOW CaPaCItaNCE tVS aRRaY
DESCRIPtION
The GBLCxxI and GBLCxxCI Series are ultra low capacitance transient voltage suppressor arrays, designed to protect
applications such as portable electronics and SMART phones. This series is available in both unidirectional and bidi-
rectional configurations and is rated at 250 Watts for an 8/20µs waveshape.
The GBLCxxI and GBLCxxCI Series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operat-
ing frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This series offers a ultra
low capacitance and low leakage current in a miniature SOD-323 package.
FEatuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
Exceeds Level 4: Handles 10kV Contact & 25kV Air Discharge
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectional & Bidirectional Configurations
• Protects One Power or I/O Port
• ESD Protection > 25kV
• Low Clamping Voltage
• Available in Multiple Voltages Ranging From 3V to 24V
• Ultra Low Capacitance: 0.6pF (Typical)
• RoHS Compliant
• REACH Compliant
MEChaNICaL ChaRaCtERIStICS
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
• Patent Pending
aPPLICatIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface
SOD-323 PaCkaGE
PIN CONFIGuRatIONS
1
2
1
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - GBLC08CI

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC08CI PROTEC-GBLC08CI Datasheet
80Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC08CI PROTEC-GBLC08CI Datasheet
72Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC08CI PROTEC-GBLC08CI Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Shanghai Semitech Semic...
GBLC08CI SEMITECH-GBLC08CI Datasheet
127Kb / 3P
   Small SOD-323 Package
logo
Microdiode Electronics ...
GBLC08CI CHENDA-GBLC08CI Datasheet
1Mb / 4P
   SOD-323 Plastic-Encapsulate ESD Protection Diodes
More results

Similar Description - GBLC08CI

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com