Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

741-140 Datasheet(PDF) 5 Page - Harwin Plc

Part # 741-140
Description  DIL IC SOCKET OPEN FRAME
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

741-140 Datasheet(HTML) 5 Page - Harwin Plc

  741-140 Datasheet HTML 1Page - Harwin Plc 741-140 Datasheet HTML 2Page - Harwin Plc 741-140 Datasheet HTML 3Page - Harwin Plc 741-140 Datasheet HTML 4Page - Harwin Plc 741-140 Datasheet HTML 5Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 741-140

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
741-12-1A-1SA-0E-XX OENINDIA-741-12-1A-1SA-0E-XX Datasheet
552Kb / 2P
   AUTOMOTIVE MINI POWER RELAY
741-12-1A-1SAB-0E-XX OENINDIA-741-12-1A-1SAB-0E-XX Datasheet
552Kb / 2P
   AUTOMOTIVE MINI POWER RELAY
741-12-1A-1SAE OENINDIA-741-12-1A-1SAE Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
741-12-1A-1SANIL OENINDIA-741-12-1A-1SANIL Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
741-12-1A-1SC-0E-XX OENINDIA-741-12-1A-1SC-0E-XX Datasheet
552Kb / 2P
   AUTOMOTIVE MINI POWER RELAY
More results

Similar Description - 741-140

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
D2816-42 HARWIN-D2816-42 Datasheet
181Kb / 1P
   DIL IC SOCKET OPEN FRAME
D8864-42 HARWIN-D8864-42 Datasheet
150Kb / 1P
   1.778mm (0.07") PITCH 64-WAY DIL IC SOCKET (SHRINK-DIP)
logo
Meder Electronic
DIL MEDER-DIL Datasheet
677Kb / 5P
   Compatible with DIL socket
logo
ETA-USA
OBQ-SC ETA-USA-OBQ-SC Datasheet
8Mb / 4P
   3W Open Frame
OEJ05SC ETA-USA-OEJ05SC Datasheet
1Mb / 4P
   1.5W Open Frame
DTMF250-SX-F-W6 ETA-USA-DTMF250-SX-F-W6 Datasheet
3Mb / 2P
   250W Open Frame
ZME200-SX-F-W ETA-USA-ZME200-SX-F-W Datasheet
2Mb / 2P
   200W Open Frame
OES-SC ETA-USA-OES-SC Datasheet
4Mb / 3P
   10W Open Frame
FHF-SX ETA-USA-FHF-SX Datasheet
1Mb / 4P
   300W Open Frame
FHP-SX ETA-USA-FHP-SX Datasheet
1Mb / 4P
   450W Open Frame
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com