Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC21FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC21FT
Description  Dual 4-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC21FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC21FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC21FT_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHC21F/FT/FK
2012-02-29
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.8
7.0
1.0
8.5
3.3 ± 0.3
50
7.3
10.5
1.0
12.0
15
3.3
5.0
1.0
6.0
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
4.8
7.0
1.0
8.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
20
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/2 (per gate)
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC21FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC21FT TOSHIBA-TC74VHC21FT Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
TC74VHC21FT TOSHIBA-TC74VHC21FT Datasheet
211Kb / 8P
   Dual 4-Input AND Gate
TC74VHC21FT TOSHIBA-TC74VHC21FT Datasheet
210Kb / 9P
   Dual 4-Input AND Gate
More results

Similar Description - TC74VHC21FT_12

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
   DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
   Dual 4-input AND gate
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
   Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
logo
KODENSHI_AUK CORP.
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
   Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
   Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B NEXPERIA-HEF4082B Datasheet
198Kb / 9P
   Dual 4-input AND gate
Rev. 7 - 24 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com