Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT6810DK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT6810DK
Description  10-bit bus switch with precharged outputs and Schottky undershoot protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT6810DK Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT6810DK Datasheet HTML 1Page - NXP Semiconductors CBT6810DK Datasheet HTML 2Page - NXP Semiconductors CBT6810DK Datasheet HTML 3Page - NXP Semiconductors CBT6810DK Datasheet HTML 4Page - NXP Semiconductors CBT6810DK Datasheet HTML 5Page - NXP Semiconductors CBT6810DK Datasheet HTML 6Page - NXP Semiconductors CBT6810DK Datasheet HTML 7Page - NXP Semiconductors CBT6810DK Datasheet HTML 8Page - NXP Semiconductors CBT6810DK Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product data
CBT6810
10-bit bus switch with precharged outputs
and Schottky undershoot protection for live insertion
2
2002 Dec 13
FEATURES
5 Ω switch connection between port A and port B
TTL compatible input and output levels
Undershoot protection included to prevent shoot through level
changes
Bias voltage pre-charges the outputs to minimize signal distortion
during live insertion
Latch-up protection exceeds 500 mA per JESD78
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
DESCRIPTION
The CBT6810 provides ten bits of high-speed TTL-compatible bus
switching. The low on-state resistance of the switch allows
bi-directional connections to be made while adding near-zero
propagation delay. The device also precharges the B port to a
user-selectable bias voltage (BIASV) to minimize live-insertion
noise.
The CBT6810 is organized as one 10-bit switch with a single enable
(OE) input. When OE is low, the switch is on and port A is
connected to port B. When OE is high, the switch between port A
and port B is open and the B port is precharged to BIASV through
the equivalent of a 10-k
Ω resistor.
The CBT6810 is characterized for operation from -40 to +85
°C.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50 pF; VCC = 5 V
250
ps
CIN
Input capacitance
VI = 0 V or VCC
3.5
pF
CIO
Input/output capacitance
Outputs disabled; VO = 0 V or VCC
9.0
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
24-Pin Plastic TSSOP
-40 to +85
°C
CBT6810PW
SOT355-1
24-Pin Plastic SSOP (QSOP)
-40 to +85
°C
CBT6810DK
SOT556-1
PIN CONFIGURATION
SA00505
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
OE
Vcc
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
BIASV
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OE
Output enable
13
BIASV
Precharge bias voltage input
2, 3, 4, 5, 6,
7, 8, 9, 10, 11
A1-A10
A - port side
23, 22, 21, 20, 19,
18, 17, 16, 15, 14
B1-B10
B - port side with active pullup
12
GND
Ground (V)
24
VCC
Positive supply voltagem


Similar Part No. - CBT6810DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6810PW PHILIPS-CBT6810PW Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6810PWDH PHILIPS-CBT6810PWDH Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
More results

Similar Description - CBT6810DK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
   20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com