Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1198 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1198
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1198 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1198 Datasheet HTML 1Page - Texas Instruments ADS1198 Datasheet HTML 2Page - Texas Instruments ADS1198 Datasheet HTML 3Page - Texas Instruments ADS1198 Datasheet HTML 4Page - Texas Instruments ADS1198 Datasheet HTML 5Page - Texas Instruments ADS1198 Datasheet HTML 6Page - Texas Instruments ADS1198 Datasheet HTML 7Page - Texas Instruments ADS1198 Datasheet HTML 8Page - Texas Instruments ADS1198 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459I
– JANUARY 2010 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply for all commercial grade (0
°C to +70°C) devices and from –40°C to +85°C for
industrial grades devices. Typical specifications are at +25
°C. All specifications at DVDD = 1.8V, AVDD – AVSS = 3V
(1),
VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, High-Resolution mode, and gain = 6, unless otherwise noted.
ADS1294, ADS1296, ADS1298
ADS1294R, ADS1296R, ADS1298R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage (AINP
– AINN)
±VREF/GAIN
V
See the Input Common-Mode Range
Input common-mode range
subsection of the PGA Settings and Input
Range section
Input capacitance
20
pF
TA = +25°C, input = 1.5V
±200
pA
Input bias current
TA = 0°C to +70°C, input = 1.5V
±1
nA
TA = –40°C to +85°C, input = 1.5V
±1.2
nA
No lead-off
1000
M
DC input impedance
Current source lead-off detection
500
M
Pull-up resistor lead-off detection
10
M
PGA PERFORMANCE
Gain settings
1, 2, 3, 4, 6, 8, 12
Bandwidth
See Table 6
ADC PERFORMANCE
Data rates up to 8kSPS, no missing codes
24
Bits
Resolution
16kSPS data rate
19
Bits
32kSPS data rate
17
Bits
fCLK = 2.048MHz, High-Resolution mode
500
32000
SPS
Data rate
fCLK = 2.048MHz, Low-Power mode
250
16000
SPS
CHANNEL PERFORMANCE
DC Performance
Gain = 6(2), 10 seconds of data
5
μVPP
Gain = 6, 256 points, 0.5 seconds of data
4
7
μVPP
Input-referred noise
Gain settings other than 6, data rates other
See Noise Measurements section
than 500SPS
Full-scale with gain = 6, best fit
8
ppm
Full-scale with gain = 6, best fit,
40
ppm
Integral nonlinearity
ADS1294R/6R/8R channel 1
–20dBFS with gain = 6, best fit,
8
ppm
ADS1294R/6R/8R channel 1
Offset error
±500
µV
Offset error drift
2
µV/°C
Gain error
Excluding voltage reference error
±0.2
±0.5
% of FS
Gain drift
Excluding voltage reference drift
5
ppm/
°C
Gain match between channels
0.3
% of FS
(1)
Performance is applicable for 5V operation as well. Production testing for limits is performed at 3V.
(2)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with input shorted
(without electrode resistance) over a 10-second interval.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Similar Part No. - ADS1198

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1198 TI-ADS1198 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI1-ADS1198 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1198

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com