Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC126FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC126FK
Description  Quad Bus Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC126FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC126FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC126FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC125,126F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC125F,TC74VHC125FT,TC74VHC125FK
TC74VHC126F,TC74VHC126FT,TC74VHC126FK
TC74VHC125F/FT/FK
Quad Bus Buffer
TC74VHC126F/FT/FK
Quad Bus Buffer
The TC74VHC125/126 are high speed CMOS QUAD BUS
BUFFERs fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Shottky TTL while maintaining the CMOS low power
dissipation.
The TC74VHC125 requires the 3-state control input G to be
set high to place the output into the high impedance state,
whereas the TC74VHC126 requires the control input G to be set
low to place the output into high impedance.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.
Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS125/126
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A : 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
TC74VHC125F, TC74VHC126F
TC74VHC125FT, TC74VHC126FT
TC74VHC125FK, TC74VHC126FK


Similar Part No. - TC74VHC126FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC126FK TOSHIBA-TC74VHC126FK Datasheet
259Kb / 11P
   Quad Bus Buffer
More results

Similar Description - TC74VHC126FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com